Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT28LV010 Datasheet (PDF) - ATMEL Corporation

AT28LV010 Datasheet PDF - ATMEL Corporation
Part # AT28LV010
Download  AT28LV010 Download

File Size   498.06 Kbytes
Page   9 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 1 Megabit 128K x 8 Low Voltage Paged CMOS E2PROM

AT28LV010 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT28LV010 Datasheet PDF - ATMEL Corporation

Part # AT28LV010
Download  AT28LV010 Click to download

File Size   498.06 Kbytes
Page   9 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 1 Megabit 128K x 8 Low Voltage Paged CMOS E2PROM

AT28LV010 Datasheet (HTML) - ATMEL Corporation

AT28LV010 Datasheet HTML 1Page - ATMEL Corporation AT28LV010 Datasheet HTML 2Page - ATMEL Corporation AT28LV010 Datasheet HTML 3Page - ATMEL Corporation AT28LV010 Datasheet HTML 4Page - ATMEL Corporation AT28LV010 Datasheet HTML 5Page - ATMEL Corporation AT28LV010 Datasheet HTML 6Page - ATMEL Corporation AT28LV010 Datasheet HTML 7Page - ATMEL Corporation AT28LV010 Datasheet HTML 8Page - ATMEL Corporation AT28LV010 Datasheet HTML 9Page - ATMEL Corporation

AT28LV010 Product details

Description
The AT28LV010 is a high-performance 3-volt only Electrically Erasable and Program mable Read-Only Memory. Its 1 megabit of memory is organized as 131,072 words by 8 bits. Manufactured with Atmel’s advanced nonvolatile CMOS technology, the device offers access times to 200 ns with power dissipation of just 54 mW. When the device is deselected, the CMOS standby current is less than 20 µA.

Features
• Single 3.3V ±10% Supply
• Fast Read Access Time – 200 ns
• Automatic Page Write Operation
   – Internal Address and Data Latches for 128 Bytes
   – Internal Control Timer
• Fast Write Cycle Time
   – Page Write Cycle Time – 10 ms Maximum
   – 1 to 128-Byte Page Write Operation
• Low Power Dissipation
   – 15 mA Active Current
   – 20 µA CMOS Standby Current
• Hardware and Software Data Protection
• DATA Polling for End of Write Detection
• High Reliability CMOS Technology
   – Endurance: 105 Cycles
   – Data Retention: 10 Years
• JEDEC Approved Byte-Wide Pinout
• Industrial and Automotive Temperature Ranges
• Green (Pb/Halide-free) Packaging Option




Similar Part No. - AT28LV010

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28LV010 ATMEL-AT28LV010 Datasheet
355Kb / 15P
   1-Megabit (128K x 8) Low Voltage Paged Parallel EEPROMs
AT28LV010-20JI ATMEL-AT28LV010-20JI Datasheet
355Kb / 15P
   1-Megabit (128K x 8) Low Voltage Paged Parallel EEPROMs
AT28LV010-20JU ATMEL-AT28LV010-20JU Datasheet
355Kb / 15P
   1-Megabit (128K x 8) Low Voltage Paged Parallel EEPROMs
AT28LV010-20PI ATMEL-AT28LV010-20PI Datasheet
355Kb / 15P
   1-Megabit (128K x 8) Low Voltage Paged Parallel EEPROMs
AT28LV010-20PU ATMEL-AT28LV010-20PU Datasheet
355Kb / 15P
   1-Megabit (128K x 8) Low Voltage Paged Parallel EEPROMs
More results


Similar Description - AT28LV010

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C010 ATMEL-AT28C010 Datasheet
657Kb / 11P
   1 Megabit 128K x 8 Paged CMOS E2PROM
AT28C010 ATMEL-AT28C010 Datasheet
570Kb / 11P
   1 Megabit 128K x 8 Paged CMOS E2PROM
AT28LV010 ATMEL-AT28LV010_06 Datasheet
355Kb / 15P
   1-Megabit (128K x 8) Low Voltage Paged Parallel EEPROMs
AT28C010 ATMEL-AT28C010_09 Datasheet
604Kb / 16P
   1-Megabit (128K x 8) Paged Parallel EEPROMs
AT28C010 ATMEL-AT28C010_06 Datasheet
410Kb / 17P
   1-megabit (128K x 8) Paged Parallel EEPROM
AT28C040 ATMEL-AT28C040 Datasheet
332Kb / 12P
   4-Megabit 512K x 8 Paged E2PROM
AT28C010-12DK ATMEL-AT28C010-12DK_09 Datasheet
300Kb / 19P
   Space 1-megabit (128K x 8) Paged Parallel EEPROMs
AT28C010-12DK ATMEL-AT28C010-12DK_05 Datasheet
241Kb / 18P
   Space 1-megabit (128K x 8) Paged Parallel EEPROMs
AT28C010-12DK ATMEL-AT28C010-12DK Datasheet
236Kb / 17P
   Space 1-megabit (128K x 8) Paged Parallel EEPROMs
AT28C256 ATMEL-AT28C256 Datasheet
762Kb / 14P
   256K 32K x 8 Paged CMOS E2PROM
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com