Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT29C020 Datasheet (PDF) - ATMEL Corporation

AT29C020 Datasheet PDF - ATMEL Corporation
Part # AT29C020
Download  AT29C020 Download

File Size   257.47 Kbytes
Page   11 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 2-Megabit 256K x 8 5-volt Only CMOS Flash Memory

AT29C020 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT29C020 Datasheet PDF - ATMEL Corporation

Part # AT29C020
Download  AT29C020 Click to download

File Size   257.47 Kbytes
Page   11 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 2-Megabit 256K x 8 5-volt Only CMOS Flash Memory

AT29C020 Datasheet (HTML) - ATMEL Corporation

Back Button AT29C020 Datasheet HTML 1Page - ATMEL Corporation AT29C020 Datasheet HTML 2Page - ATMEL Corporation AT29C020 Datasheet HTML 3Page - ATMEL Corporation AT29C020 Datasheet HTML 4Page - ATMEL Corporation AT29C020 Datasheet HTML 5Page - ATMEL Corporation AT29C020 Datasheet HTML 6Page - ATMEL Corporation AT29C020 Datasheet HTML 7Page - ATMEL Corporation AT29C020 Datasheet HTML 8Page - ATMEL Corporation AT29C020 Datasheet HTML 9Page - ATMEL Corporation AT29C020 Datasheet HTML 10Page - ATMEL Corporation Next Button 

AT29C020 Product details

1. Description

The AT29C020 is a 5-volt-only in-system Flash programmable and erasable read-only memory (PEROM). Its 2 megabits of memory is organized as 262,144 bytes. Manu factured with Atmel’s advanced nonvolatile CMOS technology, the device offers access times to 70 ns with power dissipation of just 220 mW over the industrial temperature range. When the device is deselected, the CMOS standby current is less than 300 µA. Device endurance is such that any sector can typically be written to in excess of 10,000 times.



Features

• Fast Read Access Time – 70 ns

• 5-volt Only Reprogramming

• Sector Program Operation

– Single Cycle Reprogram (Erase and Program)

– 1024 Sectors (256 Bytes/Sector)

– Internal Address and Data Latches for 256 Bytes

• Internal Program Control and Timer

• Hardware and Software Data Protection

• Two 8K Bytes Boot Blocks with Lockout

• Fast Sector Program Cycle Time – 10 ms

• DATAPolling for End of Program Detection

• Low Power Dissipation

– 40 mA Active Current

– 300 µA CMOS Standby Current

• Typical Endurance > 10,000 Cycles

• Single 5V ±10% Supply

• CMOS and TTL Compatible Inputs and Outputs

• Green (Pb/Halide-free) Packaging Option




Similar Part No. - AT29C020

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29C020 ATMEL-AT29C020 Datasheet
426Kb / 17P
   2-megabit (256K x 8) 5-volt Only Flash Memory
AT29C020-70JU ATMEL-AT29C020-70JU Datasheet
426Kb / 17P
   2-megabit (256K x 8) 5-volt Only Flash Memory
AT29C020-70TU ATMEL-AT29C020-70TU Datasheet
426Kb / 17P
   2-megabit (256K x 8) 5-volt Only Flash Memory
AT29C020-90JU ATMEL-AT29C020-90JU Datasheet
426Kb / 17P
   2-megabit (256K x 8) 5-volt Only Flash Memory
AT29C020-90TU ATMEL-AT29C020-90TU Datasheet
426Kb / 17P
   2-megabit (256K x 8) 5-volt Only Flash Memory
More results


Similar Description - AT29C020

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F020 ATMEL-AT49F020 Datasheet
84Kb / 10P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F002T ATMEL-AT49F002T Datasheet
119Kb / 12P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT29C020 ATMEL-AT29C020 Datasheet
426Kb / 17P
   2-megabit (256K x 8) 5-volt Only Flash Memory
logo
Hynix Semiconductor
HY29F002T HYNIX-HY29F002T Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
logo
ATMEL Corporation
AT49F002 ATMEL-AT49F002 Datasheet
182Kb / 16P
   2-Megabit 256K x 8 5-volt Only Flash Memory
AT49F002 ATMEL-AT49F002 Datasheet
213Kb / 20P
   2-megabit (256K x 8) 5-volt Only Flash Memory
AT29LV020 ATMEL-AT29LV020 Datasheet
486Kb / 10P
   2 Megabit 256K x 8 3-volt Only CMOS Flash Memory
logo
PMC-Sierra, Inc
PM29F002 PMC-PM29F002 Datasheet
148Kb / 21P
   2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
logo
ATMEL Corporation
AT49F2048A ATMEL-AT49F2048A Datasheet
275Kb / 13P
   2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory
AT29LV020 ATMEL-AT29LV020_08 Datasheet
387Kb / 16P
   2-megabit (256K x 8) 3-volt Only Flash Memory
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com