Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT29C432 Datasheet (PDF) - ATMEL Corporation

AT29C432 Datasheet PDF - ATMEL Corporation
Part # AT29C432
Download  AT29C432 Download

File Size   314.36 Kbytes
Page   11 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 4 Megabit 5-volt Flash with 256K E2PROM Memory

AT29C432 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT29C432 Datasheet PDF - ATMEL Corporation

Part # AT29C432
Download  AT29C432 Click to download

File Size   314.36 Kbytes
Page   11 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 4 Megabit 5-volt Flash with 256K E2PROM Memory

AT29C432 Datasheet (HTML) - ATMEL Corporation

Back Button AT29C432 Datasheet HTML 1Page - ATMEL Corporation AT29C432 Datasheet HTML 2Page - ATMEL Corporation AT29C432 Datasheet HTML 3Page - ATMEL Corporation AT29C432 Datasheet HTML 4Page - ATMEL Corporation AT29C432 Datasheet HTML 5Page - ATMEL Corporation AT29C432 Datasheet HTML 6Page - ATMEL Corporation AT29C432 Datasheet HTML 7Page - ATMEL Corporation AT29C432 Datasheet HTML 8Page - ATMEL Corporation AT29C432 Datasheet HTML 9Page - ATMEL Corporation AT29C432 Datasheet HTML 10Page - ATMEL Corporation Next Button 

AT29C432 Product details

Description
The AT29C432 is a CMOS memory specifically designed for applications requiring both a high density nonvolatile program memory and a smaller nonvolatile data memory. The AT29C432 provides this in the form of a 4 megabit Flash array integrated with a 256K bit full featured E2PROM array on the same device. A unique feature of this device is its concurrent read while writing capability. This provides the host system read access to the Flash program memory during the write cycle time of the E2PROM.

Features
• ConcurrentFlash™ Memory
    Unique Architecture Allows the Flash Array
    To Be Read During the E2PROM Write Cycle
• 4 Megabit 5-volt Flash
    Configured as a 512K x 8 Memory Array
    120 ns Read Access Time
    Sector Program Operation
        Single Cycle Reprogram (No Erase Necessary)
        2048 Sectors, 256-Bytes Wide
        10 ms Sector Rewrite
    JEDEC Standard Software Data Protection
• 256K bit Full Feature E2PROM
    Configured as a 32K x 8 Memory Array
    Byte or Page (16 bytes) Write Capability
    Write Cycle Time: 10 ms
    JEDEC Standard Software Data Protection
• Pinout Similar to 32-Pin 4 Mb Flash
• Data Memory Endurance: 10,000 cycles




Similar Part No. - AT29C432

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29C010 ATMEL-AT29C010 Datasheet
727Kb / 12P
   1 Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT29C010-XXX ATMEL-AT29C010-XXX Datasheet
727Kb / 12P
   1 Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT29C010A ATMEL-AT29C010A Datasheet
727Kb / 12P
   1 Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT29C010A ATMEL-AT29C010A Datasheet
214Kb / 18P
   1-Megabit (128K x 8) 5-volt Only Flash Memory
AT29C010A ATMEL-AT29C010A Datasheet
408Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
More results


Similar Description - AT29C432

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F4096 ATMEL-AT49F4096 Datasheet
643Kb / 11P
   4 Megabit 256K x 16 5-volt Only CMOS Flash Memory
AT29C020 ATMEL-AT29C020 Datasheet
426Kb / 17P
   2-megabit (256K x 8) 5-volt Only Flash Memory
logo
Hynix Semiconductor
HY29F002T HYNIX-HY29F002T Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
logo
ATMEL Corporation
AT49F002 ATMEL-AT49F002 Datasheet
182Kb / 16P
   2-Megabit 256K x 8 5-volt Only Flash Memory
AT49F002 ATMEL-AT49F002 Datasheet
213Kb / 20P
   2-megabit (256K x 8) 5-volt Only Flash Memory
AT29C020 ATMEL-AT29C020 Datasheet
257Kb / 11P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F020 ATMEL-AT49F020 Datasheet
84Kb / 10P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F002T ATMEL-AT49F002T Datasheet
119Kb / 12P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
logo
Hynix Semiconductor
HY29F400 HYNIX-HY29F400 Datasheet
509Kb / 40P
   4 Megabit (512Kx8/256Kx16) 5 Volt-only Flash Memory
logo
ATMEL Corporation
AT49BV4096 ATMEL-AT49BV4096 Datasheet
176Kb / 11P
   4-Megabit 256K x 16 3-volt Only CMOS Flash Memory
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com