Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT45D161 Datasheet (PDF) - ATMEL Corporation

AT45D161 Datasheet PDF - ATMEL Corporation
Part # AT45D161
Download  AT45D161 Download

File Size   215.07 Kbytes
Page   20 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 16-Megabit 5-volt Only Serial DataFlash

AT45D161 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT45D161 Datasheet PDF - ATMEL Corporation

Part # AT45D161
Download  AT45D161 Click to download

File Size   215.07 Kbytes
Page   20 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 16-Megabit 5-volt Only Serial DataFlash

AT45D161 Datasheet (HTML) - ATMEL Corporation

Back Button AT45D161 Datasheet HTML 1Page - ATMEL Corporation AT45D161 Datasheet HTML 2Page - ATMEL Corporation AT45D161 Datasheet HTML 3Page - ATMEL Corporation AT45D161 Datasheet HTML 4Page - ATMEL Corporation AT45D161 Datasheet HTML 5Page - ATMEL Corporation AT45D161 Datasheet HTML 6Page - ATMEL Corporation AT45D161 Datasheet HTML 7Page - ATMEL Corporation AT45D161 Datasheet HTML 8Page - ATMEL Corporation AT45D161 Datasheet HTML 9Page - ATMEL Corporation AT45D161 Datasheet HTML 10Page - ATMEL Corporation Next Button 

AT45D161 Product details

Description
The AT45D161 is a 5-volt only, serial interface Flash memory suitable for in-system reprogramming. Its 17,301,504 bits of memory are organized as 4096 pages of 528 bytes each. In addition to the main memory, the AT45D161 also contains two SRAM data buffers of 528 bytes each. The buffers allow receiving of data while a page in the main memory is being reprogrammed. Unlike conventional Flash memories that are accessed randomly with multiple address lines and a parallel interface, the DataFlash uses a serial interface to sequentially access its data.

Features
• Single 4.5V - 5.5V Supply
• Serial Interface Architecture
• Page Program Operation
    – Single Cycle Reprogram (Erase and Program)
    – 4096 Pages (528 Bytes/Page) Main Memory
• Optional Page and Block Erase Operations
• Two 528-byte SRAM Data Buffers – Allows Receiving of Data while Reprogramming of Nonvolatile Memory
• Internal Program and Control Timer
• Fast Page Program Time – 7 ms Typical
• 120 µs Typical Page to Buffer Transfer Time
• Low Power Dissipation
    – 15 mA Active Read Current Typical
    – 10 µA CMOS Standby Current Typical
• 15 MHz Max Clock Frequency
• Hardware Data Protection Feature
• Serial Peripheral Interface (SPI) Compatible – Modes 0 and 3
• CMOS and TTL Compatible Inputs and Outputs
• Commercial and Industrial Temperature Ranges




Similar Part No. - AT45D161

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45D161 ATMEL-AT45D161 Datasheet
311Kb / 21P
   16-megabit 5-volt Only Serial DataFlasH
AT45D161-JC ATMEL-AT45D161-JC Datasheet
311Kb / 21P
   16-megabit 5-volt Only Serial DataFlasH
AT45D161-JI ATMEL-AT45D161-JI Datasheet
311Kb / 21P
   16-megabit 5-volt Only Serial DataFlasH
AT45D161-RC ATMEL-AT45D161-RC Datasheet
311Kb / 21P
   16-megabit 5-volt Only Serial DataFlasH
AT45D161-RI ATMEL-AT45D161-RI Datasheet
311Kb / 21P
   16-megabit 5-volt Only Serial DataFlasH
More results


Similar Description - AT45D161

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45D161 ATMEL-AT45D161_01 Datasheet
311Kb / 21P
   16-megabit 5-volt Only Serial DataFlasH
AT45D021A ATMEL-AT45D021A Datasheet
395Kb / 28P
   2-megabit 5-volt Only Serial DataFlash
AT45D021 ATMEL-AT45D021 Datasheet
200Kb / 18P
   2-Megabit 5-volt Only Serial DataFlash
AT45D081A ATMEL-AT45D081A Datasheet
407Kb / 28P
   8-megabit 5-volt Only Serial DataFlash
AT45DB161 ATMEL-AT45DB161 Datasheet
224Kb / 20P
   16-Megabit 2.7-volt Only Serial DataFlash
AT45DB161 ATMEL-AT45DB161_01 Datasheet
318Kb / 21P
   16-megabit 2.7-volt Only Serial DataFlash
AT45D081 ATMEL-AT45D081 Datasheet
115Kb / 16P
   8-Megabit 5-volt Only Serial DataFlash
AT45D041 ATMEL-AT45D041 Datasheet
116Kb / 16P
   4-Megabit 5-volt Only Serial DataFlash
AT45D041A ATMEL-AT45D041A Datasheet
397Kb / 28P
   4-megabit 5-volt Only Serial DataFlash
AT26DF161A ATMEL-AT26DF161A_07 Datasheet
703Kb / 41P
   16-megabit 2.7-volt Only Serial Firmware DataFlash Memory
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com