Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90S2313 Datasheet (PDF) - ATMEL Corporation

AT90S2313 Datasheet PDF - ATMEL Corporation
Part # AT90S2313
Download  AT90S2313 Download

File Size   2147.18 Kbytes
Page   8 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Microcontroller with 2K Bytes of In-System Programmable Flash

AT90S2313 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT90S2313 Datasheet PDF - ATMEL Corporation

Part # AT90S2313
Download  AT90S2313 Click to download

File Size   2147.18 Kbytes
Page   8 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Microcontroller with 2K Bytes of In-System Programmable Flash

AT90S2313 Datasheet (HTML) - ATMEL Corporation

AT90S2313 Datasheet HTML 1Page - ATMEL Corporation AT90S2313 Datasheet HTML 2Page - ATMEL Corporation AT90S2313 Datasheet HTML 3Page - ATMEL Corporation AT90S2313 Datasheet HTML 4Page - ATMEL Corporation AT90S2313 Datasheet HTML 5Page - ATMEL Corporation AT90S2313 Datasheet HTML 6Page - ATMEL Corporation AT90S2313 Datasheet HTML 7Page - ATMEL Corporation AT90S2313 Datasheet HTML 8Page - ATMEL Corporation

AT90S2313 Product details

Description
The AT90S2313 is a low-power CMOS 8-bit microcontroller based on the AVR RISC architecture. By executing powerful instructions in a single clock cycle, the AT90S2313 achieves throughputs approaching 1 MIPS per MHz allowing the system designer to optimize power consumption versus processing speed.
The AVR core combines a rich instruction set with 32 general purpose working registers. All the 32 registers are directly connected to the Arithmetic Logic Unit (ALU), allowing two independent registers to be accessed in one single instruction executed in one clock cycle. The resulting architecture is more code efficient while achieving throughputs up to ten times faster than conventional CISC microcontrollers.

Features
• Utilizes the AVR® RISC Architecture
• AVR – High-performance and Low-power RISC Architecture
   – 118 Powerful Instructions – Most Single Clock Cycle Execution
   – 32 x 8 General Purpose Working Registers
   – Up to 10 MIPS Throughput at 10 MHz
• Data and Non-volatile Program Memory
   – 2K Bytes of In-System Programmable Flash Endurance 1,000 Write/Erase Cycles
   – 128 Bytes of SRAM
   – 128 Bytes of In-System Programmable EEPROM Endurance: 100,000 Write/Erase Cycles
   – Programming Lock for Flash Program and EEPROM Data Security
• Peripheral Features
   – One 8-bit Timer/Counter with Separate Prescaler
   – One 16-bit Timer/Counter with Separate Prescaler, Compare, Capture Modes and 8-, 9-, or 10-bit PWM
   – On-chip Analog Comparator
   – Programmable Watchdog Timer with On-chip Oscillator
   – SPI Serial Interface for In-System Programming
   – Full Duplex UART
• • Special Microcontroller Features
   – Low-power Idle and Power-down Modes
   – External and Internal Interrupt Sources
• • Specifications
– Low-power, High-speed CMOS Process Technology
– Fully Static Operation
• Power Consumption at 4 MHz, 3V, 25°C
   – Active: 2.8 mA
   – Idle Mode: 0.8 mA
   – Power-down Mode: <1 µA
• I/O and Packages
   – 15 Programmable I/O Lines
   – 20-pin PDIP and SOIC
• Operating Voltages
   – 2.7 - 6.0V (AT90S2313-4)
   – 4.0 - 6.0V (AT90S2313-10)
• Speed Grades
   – 0 - 4 MHz (AT90S2313-4)
   – 0 - 10 MHz (AT90S2313-10)




Similar Part No. - AT90S2313

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90S2313 ATMEL-AT90S2313 Datasheet
387Kb / 8P
   8-Bit Microcontroller with 2K bytes In-System Programmable Flash
AT90S2313 ATMEL-AT90S2313 Datasheet
1Mb / 92P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
AT90S2313 ATMEL-AT90S2313 Datasheet
2Mb / 61P
   AVR Studio Compatible
Rev. 1925C-AVR-3/03
AT90S2313-10PC ATMEL-AT90S2313-10PC Datasheet
1Mb / 92P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
AT90S2313-10PI ATMEL-AT90S2313-10PI Datasheet
1Mb / 92P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
More results


Similar Description - AT90S2313

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY22L ATMEL-ATTINY22L_1 Datasheet
884Kb / 56P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
ATTINY22L ATMEL-ATTINY22L Datasheet
252Kb / 11P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
AT90S2313 ATMEL-AT90S2313_02 Datasheet
1Mb / 92P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
AT90S2323 ATMEL-AT90S2323 Datasheet
983Kb / 64P
   8-Bit Microcontroller with 2K Bytes of In-System Programmable Flash
ATTINY2313V ATMEL-ATTINY2313V_06 Datasheet
2Mb / 231P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY2313-20 ATMEL-ATTINY2313-20 Datasheet
1Mb / 223P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY2313 ATMEL-ATTINY2313_06 Datasheet
181Kb / 17P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
AT90S2313 ATMEL-AT90S2313 Datasheet
387Kb / 8P
   8-Bit Microcontroller with 2K bytes In-System Programmable Flash
ATTINY20 ATMEL-ATTINY20 Datasheet
638Kb / 18P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY20 ATMEL-ATTINY20_11 Datasheet
5Mb / 224P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com