Manufacturer | Part # | Datasheet | Description |
Amphenol Corporation |
RJHSE5381
|
176Kb / 2P |
2 PORT HIGH SPEED MODULAR JACK, 8 POSITION, 8 CONTACTS, SHIELDED AND WITH LED OPTIONS-ROHS COMPLIANT
|
RJHSE538503
|
73Kb / 1P |
RJHSE SERIES, THREE PORT MODULAR JACK, 8 POSITIONS 8 CONTACTS PER PORT, SHIELDED, WITH LEDs - RoHS COMPLIANT
|
RJHSE-5480
|
571Kb / 2P |
HIGH SPEED RJ45 MODULAR JACK, 8 POSITION 8 CONTACTS, SHIELDED, WITH LEDs - RoHS COMPLIANT
|
RJHSE-5385-04
|
1Mb / 2P |
HIGH SPEED, RJ45 MODULAR JACK, 8 POSITION, 8 CONTACTS SHIELDED WITH LEDS - ROHS COMPLIANT
|
RJE73-188-00210
|
219Kb / 1P |
MODULAR JACK, 8 POSITIONS, 8 CONTACTS, SHIELDED, WITH LEDs, WITH TAPE & REEL PACKAGING-ROHS COMPLIANT
|
RJHSE-5381
|
318Kb / 2P |
HIGH SPEED, RJ45, MODULAR JACK, 8 POSITION, 8 CONTACTS, SHIELDED, WITH LEDS-ROHS COMOLIANT
|
RJHSE308X
|
1Mb / 2P |
SINGLE-PORT HIGH SPEED MODULAR JACK
|
Molex Electronics Ltd. |
0441500035
|
423Kb / 5P |
Modular Jack, Right Angle, Low Profile, 8/8, 10 Ports with Shield
|
0480252090
|
177Kb / 4P |
Modular Jack, Right Angle, 10/100, with Integrated Magnetic and LED, 8/8, without Ground Shield, Lead free
|
Amphenol Communications... |
P-RJE3B-188-1X01
|
392Kb / 2P |
MODULAR JACK, SINGLE PORT, 8P8C, SHIELDED, TAB UP, WITHOUT LED, CAT 6, RoHS COMPLIANT
Rev. A |