Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS68882VF20 Datasheet (PDF) - ATMEL Corporation

TS68882VF20 Datasheet PDF - ATMEL Corporation
Part # TS68882VF20
Download  TS68882VF20 Download

File Size   1414.25 Kbytes
Page   43 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description CMOS Enhanced Floating-point Co-processor

TS68882VF20 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS68882VF20 Datasheet PDF - ATMEL Corporation

Part # TS68882VF20
Download  TS68882VF20 Click to download

File Size   1414.25 Kbytes
Page   43 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description CMOS Enhanced Floating-point Co-processor

TS68882VF20 Datasheet (HTML) - ATMEL Corporation

Back Button TS68882VF20 Datasheet HTML 1Page - ATMEL Corporation TS68882VF20 Datasheet HTML 2Page - ATMEL Corporation TS68882VF20 Datasheet HTML 3Page - ATMEL Corporation TS68882VF20 Datasheet HTML 4Page - ATMEL Corporation TS68882VF20 Datasheet HTML 5Page - ATMEL Corporation TS68882VF20 Datasheet HTML 6Page - ATMEL Corporation TS68882VF20 Datasheet HTML 7Page - ATMEL Corporation TS68882VF20 Datasheet HTML 8Page - ATMEL Corporation TS68882VF20 Datasheet HTML 9Page - ATMEL Corporation TS68882VF20 Datasheet HTML 10Page - ATMEL Corporation Next Button 

TS68882VF20 Product details

Description
The TS68882 enhanced floating-point co-processor is a full implementation of the IEEE Standard for Binary Floating-Point Arithmetic (754) for use with the THOMSON TS68000 Family of microprocessors. It is a pin and software compatible upgrade of the TS68881 with optimized MPU interface that provides over 1.5 times the performance of the TS68881. It is implemented using VLSI technology to give systems designers the highest possible functionality in a physically small device.
Intended primarily for use as a co-processor to the TS68020/68030 32-bit microprocessor units (MPUs), the TS68882 provides a logical extension to the main MPU integer data processing capabilities. It does this by providing a very high performance floating-point arithmetic unit and a set of floating-point data registers that are utilized in a manner that is analogous to the use of the integer data registers. The TS68882 instruction set is a natural extension of all earlier members of the TS68000 Family, and supports all of the addressing modes of the host MPU. Due to the flexible bus interface of the TS68000 Family, the TS68882 can be used with any of the MPU devices of the TS68000 Family, and it may also be used as a peripheral to non-TS68000 processors.

Features
• Eight General-purpose Floating-point Data Registers, Each Supporting a Full 80-bit
   Extended Precision Real Data Format (a 64-bit Mantissa Plus a Sign Bit, and a 15-bit
   Signed Exponent)
• A 67-bit Arithmetic Unit to Allow Very Fast Calculations with Intermediate are Precision
   Greater than the Extended Precision Format
• A 67-bit Barrel Shifter for High-speed Shifting Operations (for Normalizing etc.)
• Special-purpose Hardware for High-speed Conversion Between Single, Double, and
   Extended Formats and the Internal Extended Format
• An Independent State Machine to Control Main Processor Communication for
   Pipelined Instruction Processing
• Forty-six Instructions, Including 35 Arithmetic Operations
• Full Conformation to the IEEE 754 Standard, Including All Requirements and
   Suggestions
• Support of Functions Not Defined by the IEEE Standard, Including a Full Set of
   Trigonometric and Transcendental Functions
• Seven Data Type Types: Byte, Word and Long Integers; Single, Double, and Extended
   Precision Real Numbers; and Packed Binary Coded Decimal String Real Numbers
• Twenty-two Constants Available In The On-chip ROM, Including π, e, and Powers of 10
• Virtual Memory/Machine Operations
• Efficient Mechanisms for Procedure Calls, Context Switches, and Interrupt Handling
• Fully Concurrent Instruction Execution with the Main Processor
• Fully Concurrent Instruction Execution of Multiple Floating-point Instructions
• Use with any Host Processor, on an 8-, 16- or 32-bit Data Bus
• Available in 16.67, 20, 25 and 33 MHz for Tc from -55°C to +125°C
• VCC = 5V ± 10%




Similar Part No. - TS68882VF20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS68000 STMICROELECTRONICS-TS68000 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN10 STMICROELECTRONICS-TS68000CFN10 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN16 STMICROELECTRONICS-TS68000CFN16 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN8 STMICROELECTRONICS-TS68000CFN8 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CP10 STMICROELECTRONICS-TS68000CP10 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
More results


Similar Description - TS68882VF20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BITSYG5 ETC2-BITSYG5 Datasheet
1Mb / 2P
   Vector Floating Point co-processor Hardware MPEG video encoder
logo
Freescale Semiconductor...
MC68882FN25A FREESCALE-MC68882FN25A Datasheet
3Mb / 26P
   HCMOS Enhanced Floating-Point Coprocessor
logo
Motorola, Inc
MC68882 MOTOROLA-MC68882 Datasheet
1Mb / 45P
   HCMOS Enhanced Floating-Point Coprocessor
logo
Freescale Semiconductor...
MC68882EI33A FREESCALE-MC68882EI33A Datasheet
3Mb / 26P
   HCMOS Enhanced Floating-Point Coprocessor
MC68882EI25A FREESCALE-MC68882EI25A Datasheet
3Mb / 26P
   HCMOS Enhanced Floating-Point Coprocessor
logo
Texas Instruments
SM320C6701 TI-SM320C6701 Datasheet
894Kb / 63P
[Old version datasheet]   FLOATING - POINT DIGITAL SIGNAL PROCESSOR
TMS320C6713 TI-TMS320C6713_05 Datasheet
2Mb / 148P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMJ320C6701 TI-SMJ320C6701_07 Datasheet
925Kb / 64P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMV320C6727B-SP TI-SMV320C6727B-SP_15 Datasheet
573Kb / 112P
[Old version datasheet]   Floating-Point Digital Signal Processor
TMS320C6747 TI-TMS320C6747 Datasheet
1Mb / 203P
[Old version datasheet]   Floating-point Digital Signal Processor
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com