Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS68020MF16 Datasheet (PDF) - ATMEL Corporation

TS68020MF16 Datasheet PDF - ATMEL Corporation
Part # TS68020MF16
Download  TS68020MF16 Download

File Size   1256.09 Kbytes
Page   45 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description HCMOS 32-bit Virtual Memory Microprocessor

TS68020MF16 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS68020MF16 Datasheet PDF - ATMEL Corporation

Part # TS68020MF16
Download  TS68020MF16 Click to download

File Size   1256.09 Kbytes
Page   45 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description HCMOS 32-bit Virtual Memory Microprocessor

TS68020MF16 Datasheet (HTML) - ATMEL Corporation

Back Button TS68020MF16 Datasheet HTML 1Page - ATMEL Corporation TS68020MF16 Datasheet HTML 2Page - ATMEL Corporation TS68020MF16 Datasheet HTML 3Page - ATMEL Corporation TS68020MF16 Datasheet HTML 4Page - ATMEL Corporation TS68020MF16 Datasheet HTML 5Page - ATMEL Corporation TS68020MF16 Datasheet HTML 6Page - ATMEL Corporation TS68020MF16 Datasheet HTML 7Page - ATMEL Corporation TS68020MF16 Datasheet HTML 8Page - ATMEL Corporation TS68020MF16 Datasheet HTML 9Page - ATMEL Corporation TS68020MF16 Datasheet HTML 10Page - ATMEL Corporation Next Button 

TS68020MF16 Product details

Description
The TS68020 is the first full 32-bit implementation of the TS68000 family of microprocessors. Using HCMOS technology, the TS68020 is implemented with 32-bit registers and data paths, 32-bit addresses, a rich instruction set, and versatile addressing modes.

Features
• Object Code Compatible with Earlier TS68000 Microprocessors
• Addressing Mode Extensions for Enhanced Support of High Level Languages
• New Bit Field Data Type Accelerates Bit-oriented Application, i.e. Video Graphics
• Fast on-chip Instruction Cache Speed Instructions and Improves Bus Bandwidth
• Co-processor Interface to Companion 32-bit Peripherals: TS68881 and TS68882 Floating Point Co-processors
• Pipelined Architecture with High Degree of Internal Parallelism Allowing Multiple Instructions to be Executed Concurrently
• High Performance Asynchronous Bus in Non-multiplexed and Full 32 Bits
• Dynamic Bus Sizing Efficiently Supports 8-, 16-, 32-bit Memories and Peripherals
• Full Support of Virtual Memory and Virtual Machine
• Sixteen 32-bit General-purpose Data and Address Registers
• Two 32-bit Supervisor Stack Pointers and 5 Special Purpose Control Registers
• 18 Addressing Modes and 7 Data Types
• 4-Gbyte Direct Addressing Range
• Processor Speed: 16.67 MHz - 20 MHz - 25 MHz
• Power Supply: 5.0 VDC ± 10%




Similar Part No. - TS68020MF16

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS68000 STMICROELECTRONICS-TS68000 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN10 STMICROELECTRONICS-TS68000CFN10 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN16 STMICROELECTRONICS-TS68000CFN16 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN8 STMICROELECTRONICS-TS68000CFN8 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CP10 STMICROELECTRONICS-TS68000CP10 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
More results


Similar Description - TS68020MF16

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68010 MOTOROLA-MC68010 Datasheet
956Kb / 37P
   16-/32-Bit Virtual Memory Microprocessor
logo
List of Unclassifed Man...
TS68C000 ETC-TS68C000 Datasheet
2Mb / 38P
   LOW POWER HCMOS 16/32 BIT MICROPROCESSOR
logo
Motorola, Inc
MC68HC000 MOTOROLA-MC68HC000 Datasheet
823Kb / 33P
   Low Power HCMOS 16-/32-Bit Microprocessor
MC68HC001 MOTOROLA-MC68HC001 Datasheet
841Kb / 33P
   Low Power HCMOS 8-/16-/32-Bit Microprocessor
logo
Intel Corporation
NG80386DX33 INTEL-NG80386DX33 Datasheet
1Mb / 139P
   32-BIT CHMOS MICROPROCESSOR WITH INTEGRATED MEMORY MANAGEMENT
logo
Maxwell Technologies
80386DX MAXWELL-80386DX Datasheet
244Kb / 17P
   32-Bit Microprocessor
logo
NEC
UPD705101 NEC-UPD705101 Datasheet
302Kb / 72P
   32-BIT MICROPROCESSOR
logo
Nuvoton Technology Corp...
N9H20 NUVOTON-N9H20 Datasheet
1Mb / 60P
   32-bit Microprocessor
logo
List of Unclassifed Man...
NUC502 ETC2-NUC502 Datasheet
5Mb / 266P
   32-bit Microprocessor
logo
NEC
UPD30181 NEC-UPD30181 Datasheet
1Mb / 444P
   64-/32-Bit Microprocessor
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com