Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N3010 Datasheet (PDF) - America Semiconductor, LLC

1N3010 Datasheet PDF - America Semiconductor, LLC
Part # 1N3010
Download  1N3010 Download

File Size   1019.95 Kbytes
Page   2 Pages
Manufacturer  AMERICASEMI [America Semiconductor, LLC]
Direct Link  http://americasemi.com
Logo AMERICASEMI - America Semiconductor, LLC
Description 10W Zener Diodes

1N3010 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N3010 Datasheet PDF - America Semiconductor, LLC

Part # 1N3010
Download  1N3010 Click to download

File Size   1019.95 Kbytes
Page   2 Pages
Manufacturer  AMERICASEMI [America Semiconductor, LLC]
Direct Link  http://americasemi.com
Logo AMERICASEMI - America Semiconductor, LLC
Description 10W Zener Diodes

1N3010 Datasheet (HTML) - America Semiconductor, LLC

1N3010 Datasheet HTML 1Page - America Semiconductor, LLC 1N3010 Datasheet HTML 2Page - America Semiconductor, LLC



Similar Part No. - 1N3010

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N3010 MICROSEMI-1N3010 Datasheet
215Kb / 4P
   10 WATT ZENER DIODES
logo
Naina Semiconductor ltd...
1N3010 NAINA-1N3010 Datasheet
115Kb / 1P
   10 WATT ZENER DIODES
logo
New Jersey Semi-Conduct...
1N3010 NJSEMI-1N3010 Datasheet
291Kb / 2P
   ZENER DIODES
logo
America Semiconductor, ...
1N3010 AMERICASEMI-1N3010 Datasheet
1Mb / 2P
   Glass passivated junction
logo
Microsemi Corporation
1N3010A MICROSEMI-1N3010A Datasheet
215Kb / 4P
   10 WATT ZENER DIODES
More results


Similar Description - 1N3010

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
Z00005F SSDI-Z00005F Datasheet
147Kb / 2P
   6.0W, 8.0W, and 10W 7.5 ??270 VOLTS ZENER DIODES
SZ6A7.5 SSDI-SZ6A7.5 Datasheet
146Kb / 2P
   6.0W, 8.0W, and 10W 7.5 - 270 VOLTS ZENER DIODES
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com