Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SCR533PT100 Datasheet (PDF) - Rohm

2SCR533PT100 Datasheet PDF - Rohm
Part # 2SCR533PT100
Download  2SCR533PT100 Download

File Size   384.06 Kbytes
Page   8 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description NPN 3.0A 50V Middle Power Transistor

2SCR533PT100 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SCR533PT100 Datasheet PDF - Rohm

Part # 2SCR533PT100
Download  2SCR533PT100 Click to download

File Size   384.06 Kbytes
Page   8 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description NPN 3.0A 50V Middle Power Transistor

2SCR533PT100 Datasheet (HTML) - Rohm

2SCR533PT100 Datasheet HTML 1Page - Rohm 2SCR533PT100 Datasheet HTML 2Page - Rohm 2SCR533PT100 Datasheet HTML 3Page - Rohm 2SCR533PT100 Datasheet HTML 4Page - Rohm 2SCR533PT100 Datasheet HTML 5Page - Rohm 2SCR533PT100 Datasheet HTML 6Page - Rohm 2SCR533PT100 Datasheet HTML 7Page - Rohm 2SCR533PT100 Datasheet HTML 8Page - Rohm



Similar Part No. - 2SCR533PT100

ManufacturerPart #DatasheetDescription
logo
Rohm
2SCR533P ROHM-2SCR533P Datasheet
235Kb / 5P
   Midium Power Transistors (50V / 3A)
2SCR533P5 ROHM-2SCR533P5 Datasheet
1Mb / 9P
   Middle Power Transistors (50V / 3A)
2SCR533PFRA ROHM-2SCR533PFRA Datasheet
1Mb / 8P
   Middle Power Transistor (50V / 3A)
2SCR533P ROHM-2SCR533P_09 Datasheet
235Kb / 5P
   Midium Power Transistors (50V / 3A)
More results


Similar Description - 2SCR533PT100

ManufacturerPart #DatasheetDescription
logo
Rohm
2SCR573D ROHM-2SCR573D Datasheet
800Kb / 7P
   NPN 3.0A 50V Middle Power Transistor
2SCR573DFHG ROHM-2SCR573DFHG Datasheet
1Mb / 8P
   NPN 3.0A 50V Middle Power Transistor
20161012 - Rev.004
2SCR573DA08 ROHM-2SCR573DA08 Datasheet
804Kb / 7P
   NPN 3.0A 50V Middle Power Transistor
2SAR533P ROHM-2SAR533P_13 Datasheet
380Kb / 8P
   PNP -3.0A -50V Middle Power Transistor
2SAR573D ROHM-2SAR573D Datasheet
809Kb / 7P
   PNP -3.0A -50V Middle Power Transistor
2SAR533P ROHM-2SAR533P_14 Datasheet
828Kb / 8P
   PNP -3.0A -50V Middle Power Transistor
2SCR542F3 ROHM-2SCR542F3 Datasheet
1Mb / 8P
   NPN 3.0A 30V Middle Power Transistor
2SCR573D3FRA ROHM-2SCR573D3FRA Datasheet
1Mb / 10P
   NPN 3.0A 50V Power Transistor
2SCR573D3 ROHM-2SCR573D3 Datasheet
1Mb / 11P
   NPN 3.0A 50V Power Transistor
2SCR513RHZG ROHM-2SCR513RHZG Datasheet
1Mb / 9P
   NPN 1.0A 50V Middle Power Transistor
20181211 - Rev.001
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com