Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC0138A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TC0138A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TC0138A
Download  TC0138A Download

File Size   352.62 Kbytes
Page   5 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Resonator 868.35 MHz SMD 5X5 mm

TC0138A Datasheet (PDF)

Go To PDF Page Download Datasheet
TC0138A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TC0138A
Download  TC0138A Click to download

File Size   352.62 Kbytes
Page   5 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Resonator 868.35 MHz SMD 5X5 mm

TC0138A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.

TC0138A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TC0138A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TC0138A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TC0138A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TC0138A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.



Similar Part No. - TC0138A

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
TC013 ALLEN-BRADLEY-TC013 Datasheet
11Mb / 114P
   IEC Contactor Specifications
2021
logo
TAI-SAW TECHNOLOGY CO.,...
TC0137A TAI-SAW-TC0137A Datasheet
294Kb / 4P
   SAW Resonator 622.080 MHz SMD 3.8X3.8 mm
logo
Golledge Electronics Lt...
TC0137A GOLLEDGE-TC0137A Datasheet
115Kb / 4P
   SAW Resonator 622.080MHz
More results


Similar Description - TC0138A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0144A TAI-SAW-TC0144A Datasheet
347Kb / 5P
   SAW Resonator 868.35 MHz SMD 5X5 mm
TC0196A TAI-SAW-TC0196A Datasheet
349Kb / 4P
   SAW Resonator 868.35 MHz SMD 5X5 mm
TC0250A TAI-SAW-TC0250A Datasheet
329Kb / 5P
   SAW Resonator 435.72 MHz SMD 5X5 mm
TC0117A TAI-SAW-TC0117A Datasheet
343Kb / 4P
   SAW Resonator 418 MHz SMD 5X5 mm
TC0154A TAI-SAW-TC0154A Datasheet
338Kb / 4P
   SAW Resonator 916.5 MHz SMD 5X5 mm
TC0504A TAI-SAW-TC0504A Datasheet
436Kb / 6P
   SAW Resonator 446 MHz SMD 5X5 mm
TC0234A TAI-SAW-TC0234A Datasheet
327Kb / 4P
   SAW Resonator 915 MHz SMD 5X5 mm
TC0239A TAI-SAW-TC0239A Datasheet
326Kb / 4P
   SAW Resonator 392.85 MHz SMD 5X5 mm
TC0193A TAI-SAW-TC0193A Datasheet
355Kb / 4P
   SAW Resonator 868.300 MHz SMD 5X5 mm
TC0206A TAI-SAW-TC0206A Datasheet
356Kb / 4P
   SAW Resonator 433.42 MHz SMD 5X5 mm
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com