Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC0618A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TC0618A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TC0618A
Download  TC0618A Download

File Size   396.44 Kbytes
Page   7 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Resonator 498.5 MHz

TC0618A Datasheet (PDF)

Go To PDF Page Download Datasheet
TC0618A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TC0618A
Download  TC0618A Click to download

File Size   396.44 Kbytes
Page   7 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Resonator 498.5 MHz

TC0618A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.

TC0618A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TC0618A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TC0618A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TC0618A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TC0618A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TC0618A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TC0618A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.



Similar Part No. - TC0618A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0605A TAI-SAW-TC0605A Datasheet
153Kb / 7P
   SAW Resonator 250MHz
TC0621A TAI-SAW-TC0621A Datasheet
263Kb / 7P
   SAW Resonator 245.76MHz
TC0627A TAI-SAW-TC0627A Datasheet
415Kb / 7P
   SAW Resonator 800 MHz
TC0629A TAI-SAW-TC0629A Datasheet
160Kb / 6P
   1000.634MHz SMD 3.8 x 3.8 mm SAW Resonator
TC0630A TAI-SAW-TC0630A Datasheet
206Kb / 6P
   SAW Resonator 1279.6 MHz
More results


Similar Description - TC0618A

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RP1298 RFM-RP1298 Datasheet
149Kb / 2P
   423.22 MHz SAW Resonator
logo
List of Unclassifed Man...
RC0426D55A110 ETC1-RC0426D55A110 Datasheet
265Kb / 2P
   426.550 MHz SAW Resonator
logo
RF Monolithics, Inc
RO2119A RFM-RO2119A Datasheet
100Kb / 2P
   317.5 MHz SAW Resonator
RO2134A RFM-RO2134A Datasheet
98Kb / 2P
   372.5 MHz SAW Resonator
RO2165A RFM-RO2165A Datasheet
100Kb / 2P
   858.25 MHz SAW Resonator
RO2073C RFM-RO2073C Datasheet
95Kb / 2P
   315.0 MHz SAW Resonator
logo
Murata Manufacturing Co...
RO2044 MURATA-RO2044 Datasheet
145Kb / 2P
   318.00 MHz SAW Resonator
RO2100 MURATA-RO2100 Datasheet
161Kb / 2P
   295.05 MHz SAW Resonator
RO3073A MURATA-RO3073A Datasheet
392Kb / 2P
   315.0 MHz SAW Resonator
RO3073E MURATA-RO3073E Datasheet
100Kb / 2P
   315.00 MHz SAW Resonator
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com