Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC0629A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TC0629A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TC0629A
Download  TC0629A Download

File Size   160.87 Kbytes
Page   6 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description 1000.634MHz SMD 3.8 x 3.8 mm SAW Resonator

TC0629A Datasheet (PDF)

Go To PDF Page Download Datasheet
TC0629A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TC0629A
Download  TC0629A Click to download

File Size   160.87 Kbytes
Page   6 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description 1000.634MHz SMD 3.8 x 3.8 mm SAW Resonator

TC0629A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.

TC0629A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TC0629A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TC0629A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TC0629A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TC0629A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TC0629A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.



Similar Part No. - TC0629A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0621A TAI-SAW-TC0621A Datasheet
263Kb / 7P
   SAW Resonator 245.76MHz
TC0627A TAI-SAW-TC0627A Datasheet
415Kb / 7P
   SAW Resonator 800 MHz
More results


Similar Description - TC0629A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0648B TAI-SAW-TC0648B Datasheet
394Kb / 6P
   750 MHz SMD 3.8 x 3.8 mm SAW Resonator
TB1344A TAI-SAW-TB1344A Datasheet
442Kb / 8P
   149.64MHz 48MHz BW SMD 3.8 x 3.8 mm SAW IF Filter
TB1306A TAI-SAW-TB1306A Datasheet
342Kb / 7P
   247.45MHz 0.3MHz BW SMD 3.8 x 3.8 mm SAW IF Filter
TB1332A TAI-SAW-TB1332A Datasheet
398Kb / 8P
   896.1MHz 0.125MHz BW SMD 3.8 x 3.8 mm SAW IF Filter
TB1333A TAI-SAW-TB1333A Datasheet
398Kb / 8P
   935.1MHz 0.125MHz BW SMD 3.8 x 3.8 mm SAW IF Filter
TA2655A TAI-SAW-TA2655A Datasheet
376Kb / 6P
   916 MHz 0.65MHz BW SMD 3.8 x 3.8 mm SAW RF Filter
logo
Murata Manufacturing Co...
SF2146D MURATA-SF2146D Datasheet
275Kb / 4P
   3.8 X 3.8 X 1.0 mm Surface Mount Case
logo
Transko Electronics, In...
TPRH10D40F TRANSKO-TPRH10D40F Datasheet
734Kb / 3P
   Power Inductor SMD (10.10 X 10.0 X 3.8 mm)
Rev 1: 04-27-2018
logo
EUROQUARTZ limited
90SMX-N EUROQUARTZ-90SMX-N Datasheet
233Kb / 1P
   32.768kHz SMD 8.7 x 3.8 x 2.5mm
logo
RF Monolithics, Inc
SM3838-8 RFM-SM3838-8 Datasheet
44Kb / 1P
   8-Terminal Ceramic Surface-Mount Case 3.8 X 3.8 mm Nominal Footprint
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com