Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAR2512FPBC5Z01A Datasheet (PDF) - Lineage Power Corporation

CAR2512FPBC5Z01A Datasheet PDF - Lineage Power Corporation
Part # CAR2512FPBC5Z01A
Download  CAR2512FPBC5Z01A Download

File Size   269.89 Kbytes
Page   7 Pages
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation
Description 85Vac to 264Vac 12Vdc @ 1250W; 5 Vdc @ 0.5A

CAR2512FPBC5Z01A Datasheet (PDF)

Go To PDF Page Download Datasheet
CAR2512FPBC5Z01A Datasheet PDF - Lineage Power Corporation

Part # CAR2512FPBC5Z01A
Download  CAR2512FPBC5Z01A Click to download

File Size   269.89 Kbytes
Page   7 Pages
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation
Description 85Vac to 264Vac 12Vdc @ 1250W; 5 Vdc @ 0.5A

CAR2512FPBC5Z01A Datasheet (HTML) - Lineage Power Corporation

CAR2512FPBC5Z01A Datasheet HTML 1Page - Lineage Power Corporation CAR2512FPBC5Z01A Datasheet HTML 2Page - Lineage Power Corporation CAR2512FPBC5Z01A Datasheet HTML 3Page - Lineage Power Corporation CAR2512FPBC5Z01A Datasheet HTML 4Page - Lineage Power Corporation CAR2512FPBC5Z01A Datasheet HTML 5Page - Lineage Power Corporation CAR2512FPBC5Z01A Datasheet HTML 6Page - Lineage Power Corporation CAR2512FPBC5Z01A Datasheet HTML 7Page - Lineage Power Corporation



Similar Part No. - CAR2512FPBC5Z01A

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
CAR2512FPB5Y0-1A LINEAGEPOWER-CAR2512FPB5Y0-1A Datasheet
1Mb / 2P
   2500 Watt 12V Front End Power Supply
CAR2512FPB5Z0-1A LINEAGEPOWER-CAR2512FPB5Z0-1A Datasheet
1Mb / 2P
   2500 Watt 12V Front End Power Supply
CAR2512FPBY0-1A LINEAGEPOWER-CAR2512FPBY0-1A Datasheet
1Mb / 2P
   2500 Watt 12V Front End Power Supply
CAR2512FPBZ0-1A LINEAGEPOWER-CAR2512FPBZ0-1A Datasheet
1Mb / 2P
   2500 Watt 12V Front End Power Supply
More results


Similar Description - CAR2512FPBC5Z01A

ManufacturerPart #DatasheetDescription
logo
General Electric Compan...
CAR0812FP GEC-CAR0812FP Datasheet
322Kb / 15P
   Input: 85VAC to 264VAC; Output: 12VDC @ 850W; 3.3VDC or 5 VDC @ 1A
May 2, 2013
logo
General Semiconductor
EN55022 GE-EN55022 Datasheet
197Kb / 7P
   CAR2512FP series rectifier Input: 90Vac to 264Vac Output: 12Vdc 208A 3.3Vdc or 5 Vdc 1A
logo
Lineage Power Corporati...
CAR2512TE LINEAGEPOWER-CAR2512TE Datasheet
303Kb / 15P
   90VAC to 264VAC 12VDC@ 2500W; 3.3/5VDC standby @ 15W
CAR2548FP LINEAGEPOWER-CAR2548FP_14 Datasheet
304Kb / 15P
   90Vac to 264Vac 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
CLP0212 LINEAGEPOWER-CLP0212 Datasheet
1Mb / 15P
   90 - 264Vac input; 12Vdc output; 200W Output Power
CAR1212DC LINEAGEPOWER-CAR1212DC_14 Datasheet
657Kb / 16P
   -36VD C to -75VDC 12VDC @ 1200W; 3.3VDC or 5 VDC @ 1A
logo
Tripp Lite. All Rights ...
APSX1250 TRIPPLITE-APSX1250 Datasheet
509Kb / 4P
   PowerVerter APS X 1250W 12VDC 230V Inverter/Charger with Auto-Transfer Switching, 2-C13 Outlets
logo
Torex Semiconductor
XC9404 TOREX-XC9404 Datasheet
299Kb / 16P
   85VAC ~ 270VAC
logo
Teledyne Technologies I...
SR75-3 TELEDYNE-SR75-3 Datasheet
193Kb / 3P
   0.5A, 400 Vdc Optically Isolated
logo
Sanyo Semicon Device
L78M00T SANYO-L78M00T Datasheet
230Kb / 8P
   5 to 24V 0.5A 3-Pin Voltage Regulators
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com