Datasheet Search System
Mirror site :
alldatasheet.com,
alldatasheet.co.kr
Semiconductors, integrated circuits, diodes, triacs, and other semiconductors informations
Part Name
Included
start with
end
match
Description
Shortcut :
4000
(6)
4001
(1)
4002
(1)
4003
(2)
4004
(1)
4005
(1)
4008
(2)
400A
(24)
400B
(32)
400C
(465)
400D
(3)
400E
(10)
400H
(88)
400K
(10)
400L
(17)
400M
(150)
400P
(16)
400R
(3)
400S
(84)
400U
(14)
400V
(15)
400W
(26)
400Y
(2)
4000 - Toroidal Surface Mount Inductors - C&D Technologies
Click Here View
4000
Datasheet
Part No.
4000
Description
Toroidal Surface Mount Inductors
Download
4000
Click here
to View
File Size
192.05 Kbytes / 1 Pages
Maker
CANDD [C&D Technologies]
Homepage
http://www.cdpowerelectronics.com/
Related Electronics Part Number
Part Number
Components Description
Manufacturer
4100
Toroidal
Surface
Mount
Inductors
C&D Technologies
2600
Bobbin
Wound
Surface
Mount
Inductors
C&D Technologies
HM78
Shielded
Surface
Mount
Inductors
ETC
HM66
Miniature
Low
Profile
Shielded
Surface
Mount
Inductors
ETC
2512-102K
Surface
Mount
Power
Inductors
ETC
P1330
Surface
Mount
Power
Inductors
API Delevan
4900
Dual
Winding
Surface
Mount
Inductors
C&D Technologies
IMC-2220
Surface
Mount
Molded
Inductors
Vishay Siliconix
888FU-101M
Surface
mount
inductors
TOKO, Inc
3483-1R0M
Surface
Mount
Power
Inductors
ETC
Link URL :
Related keyword
4000 Datasheet
4000 Cross Reference
4000 Schematic
4000 Distributor
4000 Datenblatt
4000 RoHS
4000 Equivalent
4000 Application Notes
4000 Data Sheet
4000 components
4000 Fiche Technique
4000 Circuit
All Rights Reserved©
Alldatasheet.net
2003 - 2008
Contact us
Privacy Policy
Bookmark
Link Exchange
Site link
Manufacturer