![]() Datasheet Search System ![]() Mirror site : alldatasheet.com, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
1N4084 - 12.4 THRU 200 VOLT NOMINAL ZENER VOLTAGES 5% - Compensated Deuices Incorporated |
|
Click Here View 1N4084 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| 1N4775 | 8.5 VOLT NOMINAL ZENER VOLTAGE + 5% | Compensated Deuices Incorporated |
| 1N4916 | 19.2 VOLT NOMINAL ZENER VOLTAGE + 5% | Compensated Deuices Incorporated |
| 1N935 | 9.0 VOLT NOMINAL ZENER VOLTAGE | Compensated Deuices Incorporated |
| CMZ5342B | HIGH POWER ZENER DIODE 6.8 VOLTS THRU 200 VOLTS 5.0W 5% TOLERANCE | Central Semiconductor Corp |
| 1N941 | 11.7 VOLT NOMINAL ZENER VOLTAGE | Compensated Deuices Incorporated |
| CMZ5921B | SURFACE MOUNT SILICON ZENER DIODE 1.5 WATT 6.8 THRU 200 VOLTS กพ 5% TOLERANCE | Central Semiconductor Corp |
| CD3154 | 8.4 VOLT NOMINAL ZENER VOLTAGE + 5% | Compensated Deuices Incorporated |
| CD935 | 9.0 VOLT NOMINAL ZENER VOLTAGE + 5% | Compensated Deuices Incorporated |
| CDLL4765 | 9.1 VOLT NOMINAL ZENER VOLTAGE + 5% | Compensated Deuices Incorporated |
| CZ5333B | 5.0W SILICON ZENER DIODE 3.3 VOLTS THRU 200 VOLTS 5% TOLERANCE | Central Semiconductor Corp |
Link URL |
|
|
Related keyword |
| 1N4084 Datasheet | 1N4084 Cross Reference | 1N4084 Schematic | 1N4084 Distributor | 1N4084 Datenblatt | 1N4084 RoHS |
| 1N4084 Equivalent | 1N4084 Application Notes | 1N4084 Data Sheet | 1N4084 component | 1N4084 Fiche Technique | 1N4084 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.net 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |