Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1584S20 Datasheet (PDF) - Hammond Manufacturing Ltd.

1584S20 Datasheet PDF - Hammond Manufacturing Ltd.
Part # 1584S20
Download  1584S20 Download

File Size   76.12 Kbytes
Page   1 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description Ratings - 125 VAC, 20 Amps

1584S20 Datasheet (PDF)

Go To PDF Page Download Datasheet
1584S20 Datasheet PDF - Hammond Manufacturing Ltd.

Part # 1584S20
Download  1584S20 Click to download

File Size   76.12 Kbytes
Page   1 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description Ratings - 125 VAC, 20 Amps

1584S20 Datasheet (HTML) - Hammond Manufacturing Ltd.

1584S20 Datasheet HTML 1Page - Hammond Manufacturing Ltd.



Similar Part No. - 1584S20

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1584S20 HAMMOND-1584S20 Datasheet
61Kb / 1P
   Replacement Power Switch
More results


Similar Description - 1584S20

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1584S3 HAMMOND-1584S3 Datasheet
78Kb / 1P
   Ratings - 125 VAC, 15 Amps
1584S10 HAMMOND-1584S10 Datasheet
80Kb / 1P
   Ratings - 250 VAC, 10 Amps
logo
List of Unclassifed Man...
GNR30DCZ ETC2-GNR30DCZ Datasheet
618Kb / 6P
   Current ratings 10, 20 and 30 amps
logo
Crydom Inc.,
GNR10DHZ CRYDOM-GNR10DHZ Datasheet
1Mb / 6P
   Current ratings of 10, 20 and 30 amps
logo
JMK Inc.
FF-1069A-3B JMK-FF-1069A-3B Datasheet
35Kb / 1P
   Operating voltage = 125 / 250 Vac Operating current = 3 Amps
logo
Crydom Inc.,
DR24D06 CRYDOM-DR24D06 Datasheet
1Mb / 7P
   Ratings of 6 & 12 Amps
DR06D12XR CRYDOM-DR06D12XR Datasheet
929Kb / 7P
   Ratings of 6 & 12 Amps
logo
API Technologies Corp
54-848-005 APITECH-54-848-005 Datasheet
252Kb / 2P
   Current ratings up to 100 Amps
logo
Kemet Corporation
VC2220K501R095 KEMET-VC2220K501R095 Datasheet
52Kb / 1P
   Varistors, VC, Low Voltage, 125 V, 95 VAC, 150 V, 250 V, 10 Amps, 500 Amps, 7.4 J, 20 mW
logo
Crydom Inc.,
CXE240D5R CRYDOM-CXE240D5R_11 Datasheet
660Kb / 5P
   Ratings of 5A @ 660 VAC
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com