Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI-8050TFE Datasheet (PDF) - Sanken electric

SI-8050TFE Datasheet PDF - Sanken electric
Part # SI-8050TFE
Download  SI-8050TFE Download

File Size   52.76 Kbytes
Page   2 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description Full-Mold, Separate Excitation Step-down Switching Mode

SI-8050TFE Datasheet (PDF)

Go To PDF Page Download Datasheet
SI-8050TFE Datasheet PDF - Sanken electric

Part # SI-8050TFE
Download  SI-8050TFE Click to download

File Size   52.76 Kbytes
Page   2 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description Full-Mold, Separate Excitation Step-down Switching Mode

SI-8050TFE Datasheet (HTML) - Sanken electric

SI-8050TFE Datasheet HTML 1Page - Sanken electric SI-8050TFE Datasheet HTML 2Page - Sanken electric

SI-8050TFE Product details

■ Features
• Compact full-mold package (equivalent to TO220)
• Output current: 1.5 A
• High efficiency: 81% typ. (at Vo = 5 V)
• Requires only 4 discrete components
• Built-in reference oscillator (300 kHz)
• Built-in dropping-type-overcurrent and thermal protection circuits
• Output ON/OFF available (circuit current at output OFF: 200µA typ.)
• Soft start available by ON/OFF pin

■ Applications
• Onboard local power supplies
• AV equipment
• OA equipment




Similar Part No. - SI-8050TFE

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-8050TFE SANKEN-SI-8050TFE Datasheet
443Kb / 2P
   Full-Mold Separate Excitation Step-down Switching Mode Regulator ICs
More results


Similar Description - SI-8050TFE

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-8015JF SANKEN-SI-8015JF Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8050JF SANKEN-SI-8050JF Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8090S SANKEN-SI-8090S Datasheet
61Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8000JF SANKEN-SI-8000JF_11 Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8050S SANKEN-SI-8050S Datasheet
61Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8120JF SANKEN-SI-8120JF Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8120S SANKEN-SI-8120S Datasheet
61Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8050E SANKEN-SI-8050E Datasheet
49Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8000TFE SANKEN-SI-8000TFE_11 Datasheet
78Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8033S SANKEN-SI-8033S Datasheet
61Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8050HFE SANKEN-SI-8050HFE Datasheet
59Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com