Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SCR574D Datasheet (PDF) - Rohm

2SCR574D Datasheet PDF - Rohm
Part # 2SCR574D
Download  2SCR574D Download

File Size   803.09 Kbytes
Page   7 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description NPN 2.0A 80V Middle Power Transistor

2SCR574D Datasheet (PDF)

Go To PDF Page Download Datasheet
2SCR574D Datasheet PDF - Rohm

Part # 2SCR574D
Download  2SCR574D Click to download

File Size   803.09 Kbytes
Page   7 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description NPN 2.0A 80V Middle Power Transistor

2SCR574D Datasheet (HTML) - Rohm

2SCR574D Datasheet HTML 1Page - Rohm 2SCR574D Datasheet HTML 2Page - Rohm 2SCR574D Datasheet HTML 3Page - Rohm 2SCR574D Datasheet HTML 4Page - Rohm 2SCR574D Datasheet HTML 5Page - Rohm 2SCR574D Datasheet HTML 6Page - Rohm 2SCR574D Datasheet HTML 7Page - Rohm



Similar Part No. - 2SCR574D

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SCR574D ISC-2SCR574D Datasheet
268Kb / 2P
   isc Silicon NPN Power Transistor
2SCR574D ISC-2SCR574D Datasheet
302Kb / 2P
   isc Silicon NPN Power Transistor
logo
Rohm
2SCR574D3 ROHM-2SCR574D3 Datasheet
1Mb / 11P
   NPN 2.0A 80V Power Transistor
2SCR574D3FRA ROHM-2SCR574D3FRA Datasheet
1Mb / 10P
   NPN 2.0A 80V Power Transistor
2SCR574DA07 ROHM-2SCR574DA07 Datasheet
799Kb / 7P
   NPN 2.0A 80V Middle Power Transistor
More results


Similar Description - 2SCR574D

ManufacturerPart #DatasheetDescription
logo
Rohm
2SCR574DA07 ROHM-2SCR574DA07 Datasheet
799Kb / 7P
   NPN 2.0A 80V Middle Power Transistor
2SAR574D ROHM-2SAR574D Datasheet
809Kb / 7P
   PNP -2.0A -80V Middle Power Transistor
2SCR574D3 ROHM-2SCR574D3 Datasheet
1Mb / 11P
   NPN 2.0A 80V Power Transistor
2SCR574D3FRA ROHM-2SCR574D3FRA Datasheet
1Mb / 10P
   NPN 2.0A 80V Power Transistor
2SCR564F3 ROHM-2SCR564F3 Datasheet
1Mb / 9P
   NPN 4A 80V Middle Power Transistor
2SCR586D ROHM-2SCR586D Datasheet
1Mb / 9P
   NPN 5.0A 80V Middle Power Transistor
2SCR514RHZG ROHM-2SCR514RHZG Datasheet
1Mb / 9P
   NPN 0.7A 80V Middle Power Transistor
20190314 - Rev.001
2SCR512R ROHM-2SCR512R Datasheet
1Mb / 7P
   NPN 2.0A 30V Middle Power Transistor
2SCR553PT100 ROHM-2SCR553PT100 Datasheet
344Kb / 7P
   NPN 2.0A 50V Middle Power Transistor
2SCR512RHZG ROHM-2SCR512RHZG Datasheet
1Mb / 9P
   NPN 2.0A 30V Middle Power Transistor
20190325 - Rev.001
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com