Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA10A Datasheet (PDF) - Socay Electornics Co., Ltd.

SA10A Datasheet PDF - Socay Electornics Co., Ltd.
Part # SA10A
Download  SA10A Download

File Size   475.54 Kbytes
Page   6 Pages
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.
Description Axial Lead Transient Voltage Suppressors (TVS)

SA10A Datasheet (PDF)

Go To PDF Page Download Datasheet
SA10A Datasheet PDF - Socay Electornics Co., Ltd.

Part # SA10A
Download  SA10A Click to download

File Size   475.54 Kbytes
Page   6 Pages
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.
Description Axial Lead Transient Voltage Suppressors (TVS)

SA10A Datasheet (HTML) - Socay Electornics Co., Ltd.

SA10A Datasheet HTML 1Page - Socay Electornics Co., Ltd. SA10A Datasheet HTML 2Page - Socay Electornics Co., Ltd. SA10A Datasheet HTML 3Page - Socay Electornics Co., Ltd. SA10A Datasheet HTML 4Page - Socay Electornics Co., Ltd. SA10A Datasheet HTML 5Page - Socay Electornics Co., Ltd. SA10A Datasheet HTML 6Page - Socay Electornics Co., Ltd.

SA10A Product details

Description
The SA series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events.

Features
♦ Glass passivated chip junction in DO-15 Package
♦ Low leakage
♦ Uni and Bidirectional unit
♦ Excellent clamping capability
♦ 500W Peak power capability at 10 × 1000µs waveform Repetition rate (duty cycle):0.01%
♦ Fast response time: typically less than 1.0ps from 0 Volts to VBR min
♦ Typical IR less than 5μA above 12V.
♦ High Temperature soldering: 260°C/40 seconds at terminals
♦ Typical maximum temperature coefficient ΔVBR = 0.1% × VBR@25°C× ΔT
♦ Plastic package has Underwriters Laboratory Flammability 94V-0
♦ Matte tin lead–free Plated
♦ Halogen free and RoHS compliant
♦ Typical failure mode is short from over-specified voltage or current
♦ Whisker test is conducted based on JEDEC JESD201A per its table 4a and 4c
♦ IEC-61000-4-2 ESD 15kV(Air), 8kV (Contact)
♦ ESD protection of data lines in accordance with IEC 61000-4-2 (IEC801-2)
♦ EFT protection of data lines in accordance with IEC 61000-4-4 (IEC801-4)

Applications
   TVS devices are ideal for the protection of I/O interfaces, VCC bus and other
   vulnerable circuits used in Telecom, Computer, Industrial and Consumer
   electronic applications.




Similar Part No. - SA10A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SA10A MOTOROLA-SA10A Datasheet
50Kb / 3P
   MOSORB ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
Shanghai Leiditech Elec...
SA10A LEIDITECH-SA10A Datasheet
689Kb / 5P
   Transient Voltage Suppressors Diodes
logo
Taiwan Semiconductor Co...
SA10A TSC-SA10A Datasheet
667Kb / 5P
   500 Watts Transient Voltage Suppressor
logo
Littelfuse
SA10A LITTELFUSE-SA10A Datasheet
126Kb / 4P
   Silicon Avalanche Diodes - 500 Watt Axial Leaded Transient Voltage Suppressors
logo
Vishay Siliconix
SA10A VISHAY-SA10A Datasheet
96Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
More results


Similar Description - SA10A

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
20KPA20A SOCAY-20KPA20A Datasheet
449Kb / 5P
   Axial Lead Transient Voltage Suppressors (TVS)
3KP5.0 SOCAY-3KP5.0 Datasheet
485Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
5KP SOCAY-5KP Datasheet
1Mb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
Revision November 8, 2019
1.5KE6.8 SOCAY-1.5KE6.8 Datasheet
513Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
LCE6.5 SOCAY-LCE6.5 Datasheet
325Kb / 5P
   Axial Lead Transient Voltage Suppressors (TVS)
8KP24A SOCAY-8KP24A Datasheet
414Kb / 3P
   Axial Lead Transient Voltage Suppressors (TVS)
5KP5.0 SOCAY-5KP5.0 Datasheet
515Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
15KPA17A SOCAY-15KPA17A Datasheet
452Kb / 5P
   Axial Lead Transient Voltage Suppressors (TVS)
P6KE6.8 SOCAY-P6KE6.8 Datasheet
504Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
15KPA SOCAY-15KPA Datasheet
1Mb / 5P
   Axial Lead Transient Voltage Suppressors (TVS)
November 8, 2019
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com