Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4128 Datasheet (PDF) - Digitron Semiconductors

1N4128 Datasheet PDF - Digitron Semiconductors
Part # 1N4128
Download  1N4128 Download

File Size   1194.42 Kbytes
Page   3 Pages
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors
Description SILICON 500mW

1N4128 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4128 Datasheet PDF - Digitron Semiconductors

Part # 1N4128
Download  1N4128 Click to download

File Size   1194.42 Kbytes
Page   3 Pages
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors
Description SILICON 500mW

1N4128 Datasheet (HTML) - Digitron Semiconductors

1N4128 Datasheet HTML 1Page - Digitron Semiconductors 1N4128 Datasheet HTML 2Page - Digitron Semiconductors 1N4128 Datasheet HTML 3Page - Digitron Semiconductors

1N4128 Product details

MAXIMUM RATINGS
   Junction and Storage Temperatures: -65°C to +200°C
   DC Power Dissipation: 500mW
   Power Derating: 4.0mW/°C above 50°C in DO-35
   Forward Voltage @ 200mA: 1.1 Volts 1N4099-1N4135
                               @ 100mA: 1.0 Volts 1N4614-1N4627




Similar Part No. - 1N4128

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N4128 CDI-DIODE-1N4128 Datasheet
98Kb / 2P
   LOW CURRENT OPERATION AT 250 uA
logo
Microsemi Corporation
1N4128 MICROSEMI-1N4128 Datasheet
86Kb / 2P
   SILICON 500mA LOW NOISE ZENER DIODES
1N4128 MICROSEMI-1N4128 Datasheet
109Kb / 2P
   SILICON 400mA LOW NOISE ZENER DIODES
1N4128 MICROSEMI-1N4128 Datasheet
111Kb / 2P
   LOW REVERSE LEAKAGE AND LOW NOISE CHARACTERISTICS
logo
Jinan Gude Electronic D...
1N4128 JGD-1N4128 Datasheet
181Kb / 2P
   500mW LOW NOISE SILION ZENER DIODES
More results


Similar Description - 1N4128

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
1N746 JGD-1N746 Datasheet
199Kb / 2P
   500mW SILICON ZENER DIODES
logo
Shanghai Lunsure Electr...
BZX79C2V4 CHENYI-BZX79C2V4 Datasheet
97Kb / 4P
   500mW Silicon Zener Diodes
logo
Micro Commercial Compon...
1N4614 MCC-1N4614 Datasheet
265Kb / 5P
   500mW Silicon Zener Diodes
1N4614 MCC-1N4614_12 Datasheet
201Kb / 5P
   500mW Silicon Zener Diodes
1N4151 MCC-1N4151_13 Datasheet
313Kb / 4P
   500mW Silicon Switching Diode
logo
Microsemi Corporation
1N753A MICROSEMI-1N753A Datasheet
75Kb / 2P
   SILICON 500MW ZENER DIODES
logo
Micro Commercial Compon...
MMSZ4678-TP MCC-MMSZ4678-TP Datasheet
346Kb / 5P
   500mW Silicon Zener Diodes
LLZ2V4 MCC-LLZ2V4 Datasheet
630Kb / 6P
   500mW Silicon Zener Diodes
DL4678 MCC-DL4678 Datasheet
432Kb / 5P
   500mW Silicon Zener Diodes
logo
Digitron Semiconductors
1N957B DIGITRON-1N957B Datasheet
196Kb / 3P
   500mW SILICON ZENER DIODES
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com