Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

858855-3 Datasheet (PDF) - Tyco Electronics

858855-3 Datasheet PDF - Tyco Electronics
Part # 858855-3
Download  858855-3 Download

File Size   65.18 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description RECEPTALCE FOR ENCAPSULATED UNIT LGH-1/2L

858855-3 Datasheet (PDF)

Go To PDF Page Download Datasheet
858855-3 Datasheet PDF - Tyco Electronics

Part # 858855-3
Download  858855-3 Click to download

File Size   65.18 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description RECEPTALCE FOR ENCAPSULATED UNIT LGH-1/2L

858855-3 Datasheet (HTML) - Tyco Electronics

858855-3 Datasheet HTML 1Page - Tyco Electronics



Similar Part No. - 858855-3

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8588 FILTRAN-8588 Datasheet
176Kb / 2P
   Chokes Data Communication Circuits
logo
API Technologies Corp
8588 APITECH-8588 Datasheet
1Mb / 2P
   Data Communication Circuits
logo
PHOENIX CONTACT
8588 PHOENIX-8588 Datasheet
223Kb / 12P
   AXL E IOL AO1 U M12 R
More results


Similar Description - 858855-3

ManufacturerPart #DatasheetDescription
logo
CSB Battery Co., Ltd.
MSV200 CSB-BATTERY-MSV200_16 Datasheet
807Kb / 2P
   Cells Per Unit 1 Voltage Per Unit 2l
logo
SparkFun Electronics
ROB-12212 SPARKFUN-ROB-12212 Datasheet
90Kb / 1P
   Shaft - Solid (Stainless; 1/2D x 2L)
2/11/2016
ROB-12392 SPARKFUN-ROB-12392 Datasheet
90Kb / 1P
   Shaft - Solid (Stainless; 1/4D x 2L)
2/12/2016
logo
Schneider Electric
DL1BA260 SCHNEIDER-DL1BA260 Datasheet
107Kb / 2P
   1 UNIT= 1 BULB
Nov 22, 2021
logo
Molex Electronics Ltd.
31410-1201 MOLEX-31410-1201 Datasheet
256Kb / 2P
   USCAR 0.64MM RECEPTALCE SALES DRAWING, 20 CKT.
logo
List of Unclassifed Man...
F11-E06 ETC2-F11-E06 Datasheet
570Kb / 2P
   Encapsulated Thermostats for Electronics
logo
Wall Industries,Inc.
CMLV WALL-CMLV Datasheet
333Kb / 3P
   Encapsulated for Added Ruggedness
logo
PHOENIX CONTACT
2701289 PHOENIX-2701289 Datasheet
42Kb / 2P
   Replacement cover for slot 1 in base unit.
logo
TT Electronics.
HM31 TTELEC-HM31 Datasheet
1Mb / 1P
   Encapsulated Encapsulated Encapsulated Current Sense Transformers
logo
Hammond Manufacturing L...
HPS HAMMOND-HPS Datasheet
689Kb / 8P
   Encapsulated Transformers for Commercial Applications
August 2019
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com