Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FJAF6910TU Datasheet (PDF) - Fairchild Semiconductor

FJAF6910TU Datasheet PDF - Fairchild Semiconductor
Part # FJAF6910TU
Download  FJAF6910TU Download

File Size   114.58 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description High Voltage Color Display Horizontal Deflection Output

FJAF6910TU Datasheet (PDF)

Go To PDF Page Download Datasheet
FJAF6910TU Datasheet PDF - Fairchild Semiconductor

Part # FJAF6910TU
Download  FJAF6910TU Click to download

File Size   114.58 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description High Voltage Color Display Horizontal Deflection Output

FJAF6910TU Datasheet (HTML) - Fairchild Semiconductor

FJAF6910TU Datasheet HTML 1Page - Fairchild Semiconductor FJAF6910TU Datasheet HTML 2Page - Fairchild Semiconductor FJAF6910TU Datasheet HTML 3Page - Fairchild Semiconductor FJAF6910TU Datasheet HTML 4Page - Fairchild Semiconductor FJAF6910TU Datasheet HTML 5Page - Fairchild Semiconductor

FJAF6910TU Product details

High Voltage Color Display Horizontal Deflection Output

• High Collector-Base Breakdown Voltage : BVCBO = 1700V
• Low Saturation Voltage : VCE(sat) = 3V (Max.)
• High Switching Speed : tF(typ.) =0.15µs
• For Color Monitor




Similar Part No. - FJAF6910TU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJAF6910 FAIRCHILD-FJAF6910 Datasheet
109Kb / 5P
   NPN Triple Diffused Planar Silicon Transistor
More results


Similar Description - FJAF6910TU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJAF6815TU FAIRCHILD-FJAF6815TU Datasheet
145Kb / 5P
   High Voltage Color Display Horizontal Deflection Output
KSC5386 FAIRCHILD-KSC5386 Datasheet
764Kb / 5P
   High Voltage Color Display Horizontal Deflection Output
FJL6920TU FAIRCHILD-FJL6920TU Datasheet
90Kb / 5P
   High Voltage Color Display Horizontal Deflection Output
FJAF6810ATU FAIRCHILD-FJAF6810ATU Datasheet
102Kb / 6P
   High Voltage Color Display Horizontal Deflection Output
FJAF6820 FAIRCHILD-FJAF6820 Datasheet
113Kb / 5P
   High Voltage Color Display Horizontal Deflection Output
FJAF6920 FAIRCHILD-FJAF6920 Datasheet
91Kb / 5P
   High Voltage Color Display Horizontal Deflection Output
FJAF6810TU FAIRCHILD-FJAF6810TU Datasheet
102Kb / 5P
   High Voltage Color Display Horizontal Deflection Output
FJAF6810A FAIRCHILD-FJAF6810A Datasheet
159Kb / 5P
   High Voltage Color Display Horizontal Deflection Output
KSD5707 FAIRCHILD-KSD5707 Datasheet
78Kb / 5P
   High Voltage Color Display Horizontal Deflection Output
KSC5803D FAIRCHILD-KSC5803D Datasheet
90Kb / 5P
   High Voltage Color Display Horizontal Deflection Output
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com