Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M-980-02T Datasheet (PDF) - Clare, Inc.

M-980-02T Datasheet PDF - Clare, Inc.
Part # M-980-02T
Download  M-980-02T Download

File Size   181.07 Kbytes
Page   6 Pages
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.
Description 3V/5V General Purpose Call Progress Tone Detector

M-980-02T Datasheet (PDF)

Go To PDF Page Download Datasheet
M-980-02T Datasheet PDF - Clare, Inc.

Part # M-980-02T
Download  M-980-02T Click to download

File Size   181.07 Kbytes
Page   6 Pages
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.
Description 3V/5V General Purpose Call Progress Tone Detector

M-980-02T Datasheet (HTML) - Clare, Inc.

M-980-02T Datasheet HTML 1Page - Clare, Inc. M-980-02T Datasheet HTML 2Page - Clare, Inc. M-980-02T Datasheet HTML 3Page - Clare, Inc. M-980-02T Datasheet HTML 4Page - Clare, Inc. M-980-02T Datasheet HTML 5Page - Clare, Inc. M-980-02T Datasheet HTML 6Page - Clare, Inc.

M-980-02T Product details

Description
The M-980-02 is an integrated circuit tone detector for general purpose use in automatic following of switched telephone calls. The circuit uses low-power CMOS techniques to provide the complete filtering and control required for this function. The basic timing of the M-980-02 is designed to permit operation with almost any progress tone system.

Features
• Covers the 315 to 640 Hz range (common call progress)
• Sensitivity to -38 dBm
• Dynamic range over 38 dB
• 40 ms minimum detect
• 8-pin DIP or 16-pin SOIC
• Single supply CMOS (low power)
• Supply range 2.8 to 5.5 VDC
• Inexpensive 3.58 MHz time base
• Low power consumption (<_15 mW at 3V)

Applications
• Automatic dialers
• Dialing modems
• Traffic measurement equipment
• Test equipment
• Service evaluation
• Billing systems




Similar Part No. - M-980-02T

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
M-980-02T IXYS-M-980-02T Datasheet
206Kb / 7P
   3V/5V General Purpose Call Progress Tone Detector
More results


Similar Description - M-980-02T

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
M-980-02 IXYS-M-980-02 Datasheet
206Kb / 7P
   3V/5V General Purpose Call Progress Tone Detector
logo
CML Microcircuits
FX643 CMLMICRO-FX643 Datasheet
274Kb / 14P
   Call Progress Tone Detector
FX633 CMLMICRO-FX633 Datasheet
299Kb / 13P
   Call Progress Tone Detector
logo
Holtek Semiconductor In...
HT9020B HOLTEK-HT9020B Datasheet
120Kb / 7P
   Call Progress Tone Detector
logo
List of Unclassifed Man...
FX633 ETC-FX633 Datasheet
331Kb / 12P
   Call Progress Tone Detector
logo
Clare, Inc.
M-982-02 CLARE-M-982-02 Datasheet
200Kb / 7P
   Precise Call Progress Tone Detector
logo
List of Unclassifed Man...
MX623 ETC-MX623 Datasheet
59Kb / 6P
   Line-Powered Call Progress Tone Detector
FX623 ETC-FX623 Datasheet
49Kb / 6P
   Call Progress Tone Decoder
logo
CML Microcircuits
FX623 CMLMICRO-FX623 Datasheet
50Kb / 6P
   Call Progress Tone Decoder
logo
Clare, Inc.
M-991 CLARE-M-991 Datasheet
171Kb / 6P
   Call Progress Tone Generator
More results




About Clare, Inc.


Clare, Inc. is a semiconductor company that specializes in the development and manufacturing of solid-state relays (SSRs) and other electronic components. The company was founded in 1992 and is based in Beverly, Massachusetts, USA.

Clare's product portfolio includes a wide range of SSRs, including AC and DC input models, single and dual output models, and high voltage and high current models. The company's SSRs are used in various applications, such as industrial automation, medical equipment, telecommunications, and transportation.

One of Clare's key areas of expertise is in the design of high-performance SSRs that offer superior reliability, fast switching speeds, and low power consumption. The company's SSRs are also designed to be compact and lightweight, making them well-suited to applications where space is limited.

In addition to its SSRs, Clare also offers a range of other electronic components, such as optocouplers, power switches, and voltage regulators. The company places a strong emphasis on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com