Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS122 Datasheet (PDF) - Clare, Inc.

TS122 Datasheet PDF - Clare, Inc.
Part # TS122
Download  TS122 Download

File Size   120.0 Kbytes
Page   8 Pages
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.
Description Single Pole OptoMOS Relay

TS122 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS122 Datasheet PDF - Clare, Inc.

Part # TS122
Download  TS122 Click to download

File Size   120.0 Kbytes
Page   8 Pages
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.
Description Single Pole OptoMOS Relay

TS122 Datasheet (HTML) - Clare, Inc.

TS122 Datasheet HTML 1Page - Clare, Inc. TS122 Datasheet HTML 2Page - Clare, Inc. TS122 Datasheet HTML 3Page - Clare, Inc. TS122 Datasheet HTML 4Page - Clare, Inc. TS122 Datasheet HTML 5Page - Clare, Inc. TS122 Datasheet HTML 6Page - Clare, Inc. TS122 Datasheet HTML 7Page - Clare, Inc. TS122 Datasheet HTML 8Page - Clare, Inc.

TS122 Product details

Description

TS122 is a 250V, 170mA, 20Ω 1-Form-A relay with an optocoupler in a single package. It features enhanced peak load current handling capability for specific telecom applications.



Features

• Small 8 Pin DIP Package

• Low Drive Power Requirements (TTL/CMOS Compatible)

• No Moving Parts

• High Reliability

• Arc-Free With No Snubbing Circuits

• 3750VRMS Input/Output Isolation

• FCC Compatible

• VDE Compatible

• No EMI/RFI Generation

• Machine Insertable, Wave Solderable

• Surface Mount and Tape & Reel Versions Available



Applications

   • Telecommunications

   • Telecom Switching

   • Tip/Ring Circuits

   • Modem Switching (Laptop, Notebook, Pocket Size)

   • Hookswitch

   • Dial Pulsing

   • Ground Start

   • Ringer Injection

• Instrumentation

   • Multiplexers

   • Data Acquisition

   • Electronic Switching

   • I/O Subsystems

   • Meters (Watt-Hour, Water, Gas)

• Medical Equipment-Patient/Equipment Isolation

• Security

• Aerospace

• Industrial Controls



 




Similar Part No. - TS122

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
TS122 IXYS-TS122 Datasheet
140Kb / 8P
   Multifunction Telecom Switch
logo
STMicroelectronics
TS1220 STMICROELECTRONICS-TS1220 Datasheet
91Kb / 5P
   SENSITIVE SCR
TS1220 STMICROELECTRONICS-TS1220 Datasheet
156Kb / 13P
   Sensitive and standard 12 A SCRs
September 2011 Rev 7
TS1220-600B STMICROELECTRONICS-TS1220-600B Datasheet
122Kb / 11P
   SENSITIVE & STANDARD(12A SCRs)
TS1220-600B STMICROELECTRONICS-TS1220-600B Datasheet
91Kb / 5P
   SENSITIVE SCR
More results


Similar Description - TS122

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LCA120 CLARE-LCA120 Datasheet
153Kb / 6P
   Single Pole OptoMOS Relay
LCB111 CLARE-LCB111 Datasheet
66Kb / 4P
   Single Pole OptoMOS Relay
LCA125L CLARE-LCA125L Datasheet
101Kb / 6P
   Single Pole OptoMOS Relay
PLA193 CLARE-PLA193 Datasheet
392Kb / 4P
   Single Pole OptoMOS Relay
XCA170 CLARE-XCA170 Datasheet
99Kb / 7P
   SINGLE POLE OptoMOS Relay
PLB150 CLARE-PLB150 Datasheet
71Kb / 4P
   SINGLE POLE OptoMOS Relay
LCA715 CLARE-LCA715 Datasheet
899Kb / 5P
   Single Pole OptoMOS Relay
logo
IXYS Corporation
LCA100L IXYS-LCA100L Datasheet
122Kb / 7P
   Single-Pole OptoMOS Relay
logo
Clare, Inc.
LCA182 CLARE-LCA182 Datasheet
1Mb / 5P
   Single Pole OptoMOS Relay
LCA100 CLARE-LCA100 Datasheet
102Kb / 6P
   Single Pole OptoMOS Relay
More results




About Clare, Inc.


Clare, Inc. is a semiconductor company that specializes in the development and manufacturing of solid-state relays (SSRs) and other electronic components. The company was founded in 1992 and is based in Beverly, Massachusetts, USA.

Clare's product portfolio includes a wide range of SSRs, including AC and DC input models, single and dual output models, and high voltage and high current models. The company's SSRs are used in various applications, such as industrial automation, medical equipment, telecommunications, and transportation.

One of Clare's key areas of expertise is in the design of high-performance SSRs that offer superior reliability, fast switching speeds, and low power consumption. The company's SSRs are also designed to be compact and lightweight, making them well-suited to applications where space is limited.

In addition to its SSRs, Clare also offers a range of other electronic components, such as optocouplers, power switches, and voltage regulators. The company places a strong emphasis on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com