Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS1ME-TP Datasheet (PDF) - Micro Commercial Components

GS1ME-TP Datasheet PDF - Micro Commercial Components
Part # GS1ME-TP
Download  GS1ME-TP Download

File Size   270.12 Kbytes
Page   4 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 1.0 Amp Silicon Rectifier 50 to 1000 Volts

GS1ME-TP Datasheet (PDF)

Go To PDF Page Download Datasheet
GS1ME-TP Datasheet PDF - Micro Commercial Components

Part # GS1ME-TP
Download  GS1ME-TP Click to download

File Size   270.12 Kbytes
Page   4 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 1.0 Amp Silicon Rectifier 50 to 1000 Volts

GS1ME-TP Datasheet (HTML) - Micro Commercial Components

GS1ME-TP Datasheet HTML 1Page - Micro Commercial Components GS1ME-TP Datasheet HTML 2Page - Micro Commercial Components GS1ME-TP Datasheet HTML 3Page - Micro Commercial Components GS1ME-TP Datasheet HTML 4Page - Micro Commercial Components

GS1ME-TP Product details

Features
• Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
   Compliant. See ordering information)
• Epoxy meets UL 94 V-0 flammability rating
• Moisture Sensitivity Level 1
• Easy Pick And Place
• 260C for 10s and 230 for 45s of High Temp. Soldering
• Low Thermal Resistance
• Halogen free available upon request by adding suffix "-HF"




Similar Part No. - GS1ME-TP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GS1ME-TPS05 MCC-GS1ME-TPS05 Datasheet
421Kb / 4P
   1.0 Amp Silicon Rectifier 50 to 1000 Volts
More results





Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com