![]() Datasheet Search System ![]() Mirror site : alldatasheet.com, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
10A05 - 10A RECTIFIER - Diodes Incorporated |
|
Click Here View 10A05 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| SB1020 | 10A SCHOTTKY BARRIER RECTIFIER | Won-Top Electronics |
| SBA100-04J | 40V 10A Rectifier | Sanyo Semicon Device |
| PBPC1001 | 10A BRIDGE RECTIFIER | Diodes Incorporated |
| SB1020CT | 10A SCHOTTKY BARRIER RECTIFIER | Won-Top Electronics |
| SBA100-04Y | 40V 10A Rectifier | Sanyo Semicon Device |
| PBU1001 | 10A BRIDGE RECTIFIER | Diodes Incorporated |
| ED1002CS | 10A DPAK SURFACE MOUNT SUPER FAST RECTIFIER | Won-Top Electronics |
| SB1020DC | 10A D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER | Won-Top Electronics |
| SBA100-09J | 90V 10A Rectifier | Sanyo Semicon Device |
| SBG1025L | 10A SCHOTTKY BARRIER RECTIFIER | Diodes Incorporated |
Link URL |
|
|
Related keyword |
| 10A05 Datasheet | 10A05 Cross Reference | 10A05 Schematic | 10A05 Distributor | 10A05 Datenblatt | 10A05 RoHS |
| 10A05 Equivalent | 10A05 Application Notes | 10A05 Data Sheet | 10A05 component | 10A05 Fiche Technique | 10A05 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.net 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |