Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1117-2.5J3-0-T3-G Datasheet (PDF) - Cystech Electonics Corp.

LM1117-2.5J3-0-T3-G Datasheet PDF - Cystech Electonics Corp.
Part # LM1117-2.5J3-0-T3-G
Download  LM1117-2.5J3-0-T3-G Download

File Size   383.32 Kbytes
Page   7 Pages
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.
Description 1A Low Dropout Positive Voltage Regulator

LM1117-2.5J3-0-T3-G Datasheet (PDF)

Go To PDF Page Download Datasheet
LM1117-2.5J3-0-T3-G Datasheet PDF - Cystech Electonics Corp.

Part # LM1117-2.5J3-0-T3-G
Download  LM1117-2.5J3-0-T3-G Click to download

File Size   383.32 Kbytes
Page   7 Pages
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.
Description 1A Low Dropout Positive Voltage Regulator

LM1117-2.5J3-0-T3-G Datasheet (HTML) - Cystech Electonics Corp.

LM1117-2.5J3-0-T3-G Datasheet HTML 1Page - Cystech Electonics Corp. LM1117-2.5J3-0-T3-G Datasheet HTML 2Page - Cystech Electonics Corp. LM1117-2.5J3-0-T3-G Datasheet HTML 3Page - Cystech Electonics Corp. LM1117-2.5J3-0-T3-G Datasheet HTML 4Page - Cystech Electonics Corp. LM1117-2.5J3-0-T3-G Datasheet HTML 5Page - Cystech Electonics Corp. LM1117-2.5J3-0-T3-G Datasheet HTML 6Page - Cystech Electonics Corp. LM1117-2.5J3-0-T3-G Datasheet HTML 7Page - Cystech Electonics Corp.

LM1117-2.5J3-0-T3-G Product details

Description
The LM1117 series of positive adjustable and fixed regulators are designed to provide 1A with high efficiency. All internal circuitry is designed to operate down to 1.4V input to output differential. The product is specifically designed to provide well-regulated supply for low-voltage IC application such as high-speed bus termination and low current 3.3V logic supply, and other applications such as VGA cards

Features
● Adjustable or Fixed Output
● Output Current of 1A
● Low Dropout, 1.4V max at 1A Output Current
● Good Noise Rejection
● Output Current Limiting
● Built-in Thermal Shutdown
● Fast Transient Response

Applications
● High Efficiency Linear Regulators
● Post Regulators for Switching Supplies
● Adjustable Power Supply




Similar Part No. - LM1117-2.5J3-0-T3-G

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
LM1117-2.5J3-0-T3-G CYSTEKEC-LM1117-2.5J3-0-T3-G Datasheet
383Kb / 7P
   1A Low Dropout Positive Voltage Regulator
More results


Similar Description - LM1117-2.5J3-0-T3-G

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM2940 UTC-LM2940 Datasheet
154Kb / 11P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
LM1117-XXXJ3 CYSTEKEC-LM1117-XXXJ3 Datasheet
309Kb / 5P
   1A Low Dropout Positive Voltage Regulator
logo
Torex Semiconductor
XB1117-12 TOREX-XB1117-12 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM1117-1.5L3 CYSTEKEC-LM1117-1.5L3 Datasheet
391Kb / 8P
   1A Low Dropout Positive Voltage Regulator
LM1117-XXXL3 CYSTEKEC-LM1117-XXXL3 Datasheet
427Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Unisonic Technologies
LM2940 UTC-LM2940_V01 Datasheet
539Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1117BCW12 TSC-TS1117BCW12 Datasheet
247Kb / 7P
   1A Low Dropout Positive Voltage Regulator
logo
E-Tech Electronics LTD
LM2940 ETL-LM2940 Datasheet
369Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Torex Semiconductor
XB1117 TOREX-XB1117_15 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
E-CMOS Corporation
EC50117S E-CMOS-EC50117S Datasheet
548Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1117E HSMC-H1117E Datasheet
44Kb / 4P
   1A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com