Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

813-IF62.5M-14B Datasheet (PDF) - Oscilent Corporation

813-IF62.5M-14B Datasheet PDF - Oscilent Corporation
Part # 813-IF62.5M-14B
Download  813-IF62.5M-14B Download

File Size   217.09 Kbytes
Page   6 Pages
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation
Description 62.5MHz IF SAW Filter 14.80 MHz Bandwidth

813-IF62.5M-14B Datasheet (PDF)

Go To PDF Page Download Datasheet
813-IF62.5M-14B Datasheet PDF - Oscilent Corporation

Part # 813-IF62.5M-14B
Download  813-IF62.5M-14B Click to download

File Size   217.09 Kbytes
Page   6 Pages
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation
Description 62.5MHz IF SAW Filter 14.80 MHz Bandwidth

813-IF62.5M-14B Datasheet (HTML) - Oscilent Corporation

813-IF62.5M-14B Datasheet HTML 1Page - Oscilent Corporation 813-IF62.5M-14B Datasheet HTML 2Page - Oscilent Corporation 813-IF62.5M-14B Datasheet HTML 3Page - Oscilent Corporation 813-IF62.5M-14B Datasheet HTML 4Page - Oscilent Corporation 813-IF62.5M-14B Datasheet HTML 5Page - Oscilent Corporation 813-IF62.5M-14B Datasheet HTML 6Page - Oscilent Corporation



Similar Part No. - 813-IF62.5M-14B

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
813-IF62.5M-14C OSCILENT-813-IF62.5M-14C Datasheet
215Kb / 6P
   62.5MHz IF SAW Filter 14.60 MHz Bandwidth
More results


Similar Description - 813-IF62.5M-14B

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TA06214BV TRANSKO-TA06214BV Datasheet
626Kb / 4P
   62.5 MHz IF SAW Filter / 14.80 MHz Bandwidth
Revision 0: 21. Jan. 2009
logo
Oscilent Corporation
813-IF70.0M-14E OSCILENT-813-IF70.0M-14E Datasheet
220Kb / 6P
   70.0 MHz IF SAW Filter 14.80 MHz Bandwidth
813-IF62.5M-14C OSCILENT-813-IF62.5M-14C Datasheet
215Kb / 6P
   62.5MHz IF SAW Filter 14.60 MHz Bandwidth
813-SL62.5M-20F OSCILENT-813-SL62.5M-20F Datasheet
214Kb / 6P
   62.5MHz IF SAW Filter 20.6 MHz Bandwidth
813-SL62.5M-16B OSCILENT-813-SL62.5M-16B Datasheet
212Kb / 6P
   62.5MHz IF SAW Filter 16.20MHz Bandwidth
813-SL62.5M-06A OSCILENT-813-SL62.5M-06A Datasheet
220Kb / 6P
   62.5MHz IF SAW Filter 6.47MHz Bandwidth
813-SL62.5M-19E OSCILENT-813-SL62.5M-19E Datasheet
216Kb / 6P
   62.5MHz IF SAW Filter 19.18MHz Bandwidth
813-SL62.5M-19B OSCILENT-813-SL62.5M-19B Datasheet
217Kb / 6P
   62.5MHz IF SAW Filter 19.65MHz Bandwidth
835-IF62.5M-19A OSCILENT-835-IF62.5M-19A Datasheet
181Kb / 6P
   62.5MHz IF SAW Filter 18.95MHz Bandwidth
813-SL62.5M-19A OSCILENT-813-SL62.5M-19A Datasheet
206Kb / 6P
   62.5MHz IF SAW Filter 19.7MHz Bandwidth
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com