Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

813-SL38.0M-03A Datasheet (PDF) - Oscilent Corporation

813-SL38.0M-03A Datasheet PDF - Oscilent Corporation
Part # 813-SL38.0M-03A
Download  813-SL38.0M-03A Download

File Size   118.37 Kbytes
Page   4 Pages
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation
Description 38.0 MHz IF SAW Filter 2.7 MHz Bandwidth

813-SL38.0M-03A Datasheet (PDF)

Go To PDF Page Download Datasheet
813-SL38.0M-03A Datasheet PDF - Oscilent Corporation

Part # 813-SL38.0M-03A
Download  813-SL38.0M-03A Click to download

File Size   118.37 Kbytes
Page   4 Pages
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation
Description 38.0 MHz IF SAW Filter 2.7 MHz Bandwidth

813-SL38.0M-03A Datasheet (HTML) - Oscilent Corporation

813-SL38.0M-03A Datasheet HTML 1Page - Oscilent Corporation 813-SL38.0M-03A Datasheet HTML 2Page - Oscilent Corporation 813-SL38.0M-03A Datasheet HTML 3Page - Oscilent Corporation 813-SL38.0M-03A Datasheet HTML 4Page - Oscilent Corporation



Similar Part No. - 813-SL38.0M-03A

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
813-SL300.0M-02 OSCILENT-813-SL300.0M-02 Datasheet
286Kb / 2P
   IF SAW Filter
813-SL315.0M-34A OSCILENT-813-SL315.0M-34A Datasheet
229Kb / 6P
   315.0 MHz IF SAW Filter 33.38MHz Bandwidth
813-SL32.0M-03A OSCILENT-813-SL32.0M-03A Datasheet
119Kb / 4P
   32.0 MHz IF SAW Filter 2.7 MHz Bandwidth
813-SL320.0M-34A OSCILENT-813-SL320.0M-34A Datasheet
222Kb / 6P
   320.0 MHz IF SAW Filter 34.0MHz Bandwidth
813-SL320.0M-44A OSCILENT-813-SL320.0M-44A Datasheet
213Kb / 6P
   320MHz IF SAW Filter 43.40MHz Bandwidth
More results


Similar Description - 813-SL38.0M-03A

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TL3803AV TRANSKO-TL3803AV Datasheet
398Kb / 3P
   38.00 MHz IF SAW Filter / 2.7 MHz Bandwidth
Revision 1: 29 Oct. 2007
logo
Oscilent Corporation
813-SL32.0M-03A OSCILENT-813-SL32.0M-03A Datasheet
119Kb / 4P
   32.0 MHz IF SAW Filter 2.7 MHz Bandwidth
809-SL108.4M-02A OSCILENT-809-SL108.4M-02A Datasheet
224Kb / 6P
   108.40 MHz IF SAW Filter 3.20 MHz Bandwidth
820-IF70.0M-Y OSCILENT-820-IF70.0M-Y_14 Datasheet
225Kb / 4P
   70.0 MHz IF SAW Filter 11.9 MHz Bandwidth
820-IF75.0M-A OSCILENT-820-IF75.0M-A_14 Datasheet
238Kb / 4P
   75.0 MHz IF SAW Filter 1.0 MHz Bandwidth
813-SL70.0M-13A OSCILENT-813-SL70.0M-13A Datasheet
343Kb / 9P
   70.0 MHz IF SAW Filter 13.96 MHz Bandwidth
813-SL140.0M-77A OSCILENT-813-SL140.0M-77A Datasheet
237Kb / 6P
   140.0 MHz IF SAW Filter 77.3 MHz Bandwidth
821-IF265.0M-30A OSCILENT-821-IF265.0M-30A Datasheet
225Kb / 6P
   265.0 MHz IF SAW Filter 30.21 MHz Bandwidth
821-IF120.0M-15B OSCILENT-821-IF120.0M-15B Datasheet
219Kb / 6P
   120.0 MHz IF SAW Filter 15.90 MHz Bandwidth
813-SL60.0M-20B OSCILENT-813-SL60.0M-20B Datasheet
213Kb / 6P
   60.0 MHz IF SAW Filter 20.05 MHz Bandwidth
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com