Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

813-SL48.0M-03A Datasheet (PDF) - Oscilent Corporation

813-SL48.0M-03A Datasheet PDF - Oscilent Corporation
Part # 813-SL48.0M-03A
Download  813-SL48.0M-03A Download

File Size   177.25 Kbytes
Page   4 Pages
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation
Description 48.0MHz IF SAW Filter 3.40MHz Bandwidth

813-SL48.0M-03A Datasheet (PDF)

Go To PDF Page Download Datasheet
813-SL48.0M-03A Datasheet PDF - Oscilent Corporation

Part # 813-SL48.0M-03A
Download  813-SL48.0M-03A Click to download

File Size   177.25 Kbytes
Page   4 Pages
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation
Description 48.0MHz IF SAW Filter 3.40MHz Bandwidth

813-SL48.0M-03A Datasheet (HTML) - Oscilent Corporation

813-SL48.0M-03A Datasheet HTML 1Page - Oscilent Corporation 813-SL48.0M-03A Datasheet HTML 2Page - Oscilent Corporation 813-SL48.0M-03A Datasheet HTML 3Page - Oscilent Corporation 813-SL48.0M-03A Datasheet HTML 4Page - Oscilent Corporation



Similar Part No. - 813-SL48.0M-03A

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
813-SL48.0M-10A OSCILENT-813-SL48.0M-10A Datasheet
163Kb / 4P
   48.0MHz IF SAW Filter 10.10MHz Bandwidth
More results


Similar Description - 813-SL48.0M-03A

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
813-SL48.0M-10A OSCILENT-813-SL48.0M-10A Datasheet
163Kb / 4P
   48.0MHz IF SAW Filter 10.10MHz Bandwidth
logo
Golledge Electronics Lt...
MP01495 GOLLEDGE-MP01495 Datasheet
104Kb / 5P
   SAW Filter 48.0MHz
logo
SIPAT Co,Ltd
LBN12903 SIPAT-LBN12903 Datasheet
142Kb / 4P
   129.1MHz IF SAW Filter 18MHz Bandwidth
LBS12025 SIPAT-LBS12025 Datasheet
144Kb / 4P
   119.6MHz IF SAW Filter 2MHz Bandwidth
LBS13007 SIPAT-LBS13007 Datasheet
141Kb / 4P
   130MHz IF SAW Filter 4MHz Bandwidth
LBS14099 SIPAT-LBS14099 Datasheet
140Kb / 4P
   140MHz IF SAW Filter 3MHz Bandwidth
logo
Oscilent Corporation
809-SL75.0M-05B OSCILENT-809-SL75.0M-05B Datasheet
210Kb / 6P
   75.0MHz IF SAW Filter 5.59MHz Bandwidth
logo
SIPAT Co,Ltd
LBS13007 SIPAT-LBS13007 Datasheet
146Kb / 4P
   130MHz IF SAW Filter 4MHz Bandwidth
logo
Oscilent Corporation
813-IF120.0M-11B OSCILENT-813-IF120.0M-11B Datasheet
217Kb / 6P
   120.0MHz IF SAW Filter 11.47MHz Bandwidth
813-IF120.3M-10A OSCILENT-813-IF120.3M-10A Datasheet
214Kb / 6P
   120.3MHz IF SAW Filter 10.55MHz Bandwidth
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com