[HIWIN] Features of MGN Series 1. Tiny and light weight, suitable for miniature equipment. 2. All materials for block and rail, including rolling balls and ball retainers, are in special grade of stainless steel for anti-corrosion purpose. 3. Gothic arch contact design can sustain loads from all directions and offer high rigidity and high accuracy. 4. Steel balls will be held by miniature retainer to avoid balls from falling out even when the blocks are removed from the rail installation. 5. Interchangeable types are available in certain precision grades. Features of MGW Series Design feature of wide type miniature guideway-MGW: 1. The design of enlarged width increases the capacity of moment load. 2. Gothic arch contact design has high rigidity characteristic in all directions. 3. Steel balls will be held by miniature retainer to avoid the balls from falling out even when the block are removed from the rail installation. 4. All metallic components are made of stainless steel for anti-corrosion purpose. Application MGN/MGW series is available for various applications, such as semiconductor equipments, PCB /IC equipments, medication, robotics, measuring equipments, automation equipments, and other miniature sliding machinery.
|