Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLESWT-H1-0000-0002E5 Datasheet (PDF) - Cree, Inc

MLESWT-H1-0000-0002E5 Datasheet PDF - Cree, Inc
Part # MLESWT-H1-0000-0002E5
Download  MLESWT-H1-0000-0002E5 Download

File Size   1727.49 Kbytes
Page   26 Pages
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc
Description Available in white (2600 K to 8300 K CCT), 80-, 85- and 90?멌RI minimum

MLESWT-H1-0000-0002E5 Datasheet (PDF)

Go To PDF Page Download Datasheet
MLESWT-H1-0000-0002E5 Datasheet PDF - Cree, Inc

Part # MLESWT-H1-0000-0002E5
Download  MLESWT-H1-0000-0002E5 Click to download

File Size   1727.49 Kbytes
Page   26 Pages
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc
Description Available in white (2600 K to 8300 K CCT), 80-, 85- and 90?멌RI minimum

MLESWT-H1-0000-0002E5 Datasheet (HTML) - Cree, Inc

Back Button MLESWT-H1-0000-0002E5 Datasheet HTML 1Page - Cree, Inc MLESWT-H1-0000-0002E5 Datasheet HTML 2Page - Cree, Inc MLESWT-H1-0000-0002E5 Datasheet HTML 3Page - Cree, Inc MLESWT-H1-0000-0002E5 Datasheet HTML 4Page - Cree, Inc MLESWT-H1-0000-0002E5 Datasheet HTML 5Page - Cree, Inc MLESWT-H1-0000-0002E5 Datasheet HTML 6Page - Cree, Inc MLESWT-H1-0000-0002E5 Datasheet HTML 7Page - Cree, Inc MLESWT-H1-0000-0002E5 Datasheet HTML 8Page - Cree, Inc MLESWT-H1-0000-0002E5 Datasheet HTML 9Page - Cree, Inc MLESWT-H1-0000-0002E5 Datasheet HTML 10Page - Cree, Inc Next Button 



Similar Part No. - MLESWT-H1-0000-0002E5

ManufacturerPart #DatasheetDescription
logo
Cree LED
MLESWT-H1-0000-0002E5 CREELED-MLESWT-H1-0000-0002E5 Datasheet
1Mb / 47P
   XLamp® ML-E LEDs
2023
More results


Similar Description - MLESWT-H1-0000-0002E5

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
MLCAWT-A1-0000-000051 CREE-MLCAWT-A1-0000-000051 Datasheet
1Mb / 20P
   Available in white (2600 K to 8300 K CCT), 80-, 85- and 90- CRI minimum and royal blue
XP-G CREE-XP-G Datasheet
2Mb / 28P
   Available in white, outdoor white and 80-CRI, 85-CRI and 90-CRI white
XPG3 CREE-XPG3 Datasheet
2Mb / 33P
   Available in outdoor white and 70-, 80- and 90-CRI white
CXA1850 CREE-CXA1850 Datasheet
1Mb / 15P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
CXA2590 CREE-CXA2590 Datasheet
1Mb / 16P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
MK-R CREE-MK-R Datasheet
1Mb / 33P
   Available in ANSI white bins as well as 4-step and 2-step EasyWhite bins at 2700 K
logo
METZ CONNECT GmbH
130B23-E METZ-130B23-E Datasheet
1Mb / 9P
   C6Amodul K 90° jack - keystone style
2023/02/15 Version: AO
logo
Cypress Semiconductor
CYDC128B16 CYPRESS-CYDC128B16_11 Datasheet
689Kb / 29P
   1.8 V 4 K/8 K/16 K 횞 16 and 8 K/16 K 횞 8 ConsuMoBL Dual-Port Static RAM
logo
NXP Semiconductors
PEMD48_PUMD48 PHILIPS-PEMD48_PUMD48_15 Datasheet
969Kb / 16P
   NPN/PNP resistor-equipped transistors R1 = 47 k?? R2 = 47 k??and R1 = 2.2 k?? R2 = 47 k?
Rev. 6-24 January 2012
logo
Nexperia B.V. All right...
PEMD48 NEXPERIA-PEMD48_V01 Datasheet
1Mb / 17P
   NPN/PNP resistor-equipped transistors; R1 = 47 k, R2 = 47 k and R1 = 2.2 k, R2 = 47 k
Rev. 6 - 24 January 2012
More results




About Cree, Inc


Cree, Inc. is an American semiconductor company that specializes in the design and manufacture of wide bandgap semiconductors, including silicon carbide (SiC) and gallium nitride (GaN) devices, as well as LED lighting and power electronics products. The company was founded in 1987 and is headquartered in Durham, North Carolina.

Cree's wide bandgap semiconductors are used in a variety of applications, including power electronics, automotive, aerospace, and defense. The company's SiC and GaN devices are known for their high efficiency, high power density, and high operating temperature, making them ideal for use in applications where high performance is critical.

In addition to its wide bandgap semiconductor products, Cree also offers LED lighting products, including bulbs, fixtures, and chips, that are used in a variety of applications, including residential, commercial, and industrial lighting. Cree's LED lighting products are known for their high quality, energy efficiency, and long lifespan.

Cree has a strong focus on innovation and research and development, and is committed to developing new and innovative products that meet the evolving needs of its customers. The company has a global presence, with offices and facilities located in the United States, Europe, and Asia, and serves customers in more than 100 countries worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com