Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA258A Datasheet (PDF) - Fairchild Semiconductor

KA258A Datasheet PDF - Fairchild Semiconductor
Part # KA258A
Download  KA258A Download

File Size   161.07 Kbytes
Page   11 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Dual Operational Amplifier

KA258A Datasheet (PDF)

Go To PDF Page Download Datasheet
KA258A Datasheet PDF - Fairchild Semiconductor

Part # KA258A
Download  KA258A Click to download

File Size   161.07 Kbytes
Page   11 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Dual Operational Amplifier

KA258A Datasheet (HTML) - Fairchild Semiconductor

Back Button KA258A Datasheet HTML 1Page - Fairchild Semiconductor KA258A Datasheet HTML 2Page - Fairchild Semiconductor KA258A Datasheet HTML 3Page - Fairchild Semiconductor KA258A Datasheet HTML 4Page - Fairchild Semiconductor KA258A Datasheet HTML 5Page - Fairchild Semiconductor KA258A Datasheet HTML 6Page - Fairchild Semiconductor KA258A Datasheet HTML 7Page - Fairchild Semiconductor KA258A Datasheet HTML 8Page - Fairchild Semiconductor KA258A Datasheet HTML 9Page - Fairchild Semiconductor KA258A Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

KA258A Product details

Description

The KA258 series consist of two independent, high gain, internally frequency compensated operational amplifiers which were designed specifically to operate from a single power supply over a wide range of voltage. Operation from split power supplies is also possible and the low power supply current drain is independent of the magnitude of the power supply voltage. Application areas include transducer amplifier, DC gain blocks and all the conventional OP-AMP

circuits which now can be easily implemented in single power supply systems.



Features

• Internally Frequency Compensated for Unity Gain

• Large DC Voltage Gain: 100dB

• Wide Power Supply Range:

   KA258/KA258A, KA358/KA358A: 3V ~ 32V (or ±1.5V~ 16V)

   KA2904 : 3V~26V (or ±1.5V ~ 13V)

• Input Common Mode Voltage Range Includes Ground

• Large Output Voltage Swing: 0V DC to Vcc - 1.5V DC

• Power Drain Suitable for Battery Operation.




Similar Part No. - KA258A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA258A FAIRCHILD-KA258A Datasheet
148Kb / 12P
   Dual Operational Amplifier
KA258AD FAIRCHILD-KA258AD Datasheet
148Kb / 12P
   Dual Operational Amplifier
logo
ON Semiconductor
KA258AD ONSEMI-KA258AD Datasheet
250Kb / 13P
   Dual Operat ional Amplifier
10/14/11 Rev. 1.0.4
More results


Similar Description - KA258A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCMC4558 UTC-UTCMC4558 Datasheet
110Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
LM2904 FAIRCHILD-LM2904 Datasheet
137Kb / 12P
   Dual Operational Amplifier
logo
Rohm
BA4558 ROHM-BA4558 Datasheet
58Kb / 5P
   Dual operational amplifier
logo
Toshiba Semiconductor
TA75458P TOSHIBA-TA75458P Datasheet
386Kb / 12P
   DUAL OPERATIONAL AMPLIFIER
logo
Motorola, Inc
LM833 MOTOROLA-LM833 Datasheet
133Kb / 8P
   DUAL OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM4560 NJRC-NJM4560 Datasheet
226Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM4562 NJRC-NJM4562 Datasheet
258Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM2100 NJRC-NJM2100 Datasheet
201Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17458 HITACHI-HA17458 Datasheet
46Kb / 10P
   Dual Operational Amplifier
logo
NXP Semiconductors
MA747C PHILIPS-MA747C Datasheet
94Kb / 5P
   Dual operational amplifier
August 31, 1994
logo
Renesas Technology Corp
HA17904A RENESAS-HA17904A_15 Datasheet
129Kb / 10P
   Dual Operational Amplifier
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com