Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSP2222A Datasheet (PDF) - Fairchild Semiconductor

KSP2222A Datasheet PDF - Fairchild Semiconductor
Part # KSP2222A
Download  KSP2222A Download

File Size   110.51 Kbytes
Page   3 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description NPN General Purpose Amplifier

KSP2222A Datasheet (PDF)

Go To PDF Page Download Datasheet
KSP2222A Datasheet PDF - Fairchild Semiconductor

Part # KSP2222A
Download  KSP2222A Click to download

File Size   110.51 Kbytes
Page   3 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description NPN General Purpose Amplifier

KSP2222A Datasheet (HTML) - Fairchild Semiconductor

KSP2222A Datasheet HTML 1Page - Fairchild Semiconductor KSP2222A Datasheet HTML 2Page - Fairchild Semiconductor KSP2222A Datasheet HTML 3Page - Fairchild Semiconductor

KSP2222A Product details

Features
• Collector-Emitter Voltage: VCEO= 40V
• Collector Power Dissipation: PC (max)=625mW
• Available as PN2222A
   




Similar Part No. - KSP2222A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSP2222A FAIRCHILD-KSP2222A Datasheet
24Kb / 3P
   General Purpose Transistor
KSP2222A FAIRCHILD-KSP2222A Datasheet
110Kb / 3P
   NPN General Purpose Amplifier
KSP2222A FAIRCHILD-KSP2222A Datasheet
110Kb / 3P
   NPN General Purpose Amplifier
KSP2222A FAIRCHILD-KSP2222A Datasheet
110Kb / 3P
   NPN General Purpose Amplifier
KSP2222ABU FAIRCHILD-KSP2222ABU Datasheet
110Kb / 3P
   NPN General Purpose Amplifier
More results


Similar Description - KSP2222A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com