Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ET721-LF-T7 Datasheet (PDF) - Protek Devices

ET721-LF-T7 Datasheet PDF - Protek Devices
Part # ET721-LF-T7
Download  ET721-LF-T7 Download

File Size   604.95 Kbytes
Page   7 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description ultr a low capacitance steering diode array

ET721-LF-T7 Datasheet (PDF)

Go To PDF Page Download Datasheet
ET721-LF-T7 Datasheet PDF - Protek Devices

Part # ET721-LF-T7
Download  ET721-LF-T7 Click to download

File Size   604.95 Kbytes
Page   7 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description ultr a low capacitance steering diode array

ET721-LF-T7 Datasheet (HTML) - Protek Devices

ET721-LF-T7 Datasheet HTML 1Page - Protek Devices ET721-LF-T7 Datasheet HTML 2Page - Protek Devices ET721-LF-T7 Datasheet HTML 3Page - Protek Devices ET721-LF-T7 Datasheet HTML 4Page - Protek Devices ET721-LF-T7 Datasheet HTML 5Page - Protek Devices ET721-LF-T7 Datasheet HTML 6Page - Protek Devices ET721-LF-T7 Datasheet HTML 7Page - Protek Devices

ET721-LF-T7 Product details

DESCRIPTION
The ET721 is a low capacitance and low leakage steering diode array capable of protecting up to six (6) high speed data lines. Its ultra low capacitance allows maintenance of signal integrity for high-speed data lines while protecting the circuit ICs from the damage of severe transients. An extremely low leakage current makes the ET721 suitable for battery powered devices.

FEATURES
• Compatible with IEC 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A - 5/50ns
• Compatible with IEC 61000-4-5 (Surge): 12A, 8/20µs - Level 1(LineGnd) & Level 2(Line-Line)
• Low Clamping Voltage
• Provides Six Lines of Protection
• Low Leakage Current: <200nA
• Ultra Low Capacitance: 3pF Typical
• RoHS Compliant
• REACH Compliant

APPLICATIONS
• Ethernet 10/100/1000 Base T
• SMART Phones
• Set-Top Box Interface
• FireWire & USB Interfaces
• Sensors




Similar Part No. - ET721-LF-T7

ManufacturerPart #DatasheetDescription
logo
Protek Devices
ET721 PROTEC-ET721 Datasheet
195Kb / 4P
   STEERING DIODE ARRAY
ET721 PROTEC-ET721 Datasheet
77Kb / 4P
   STEERING DIODE ARRAY
ET721 PROTEC-ET721 Datasheet
589Kb / 7P
   ultra low capacitance steering diode array
ET721 PROTEC-ET721_07 Datasheet
77Kb / 4P
   STEERING DIODE ARRAY
ET721 PROTEC-ET721_10 Datasheet
589Kb / 7P
   ultra low capacitance steering diode array
More results


Similar Description - ET721-LF-T7

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PLRT0504LC PROTEC-PLRT0504LC Datasheet
908Kb / 7P
   ultr a low capacitance steering diode/thyristor
ET108 PROTEC-ET108_10 Datasheet
462Kb / 6P
   low capacitance steering diode array
ET108 PROTEC-ET108_12 Datasheet
477Kb / 6P
   LOW CAPACITANCE STEERING DIODE ARRAY
DALC112S1 PROTEC-DALC112S1_12 Datasheet
513Kb / 6P
   ULTRA LOW CAPACITANCE STEERING DIODE ARRAY
USB002 PROTEC-USB002_11 Datasheet
474Kb / 6P
   ultra low capacitance steering diode array
SR70 PROTEC-SR70_10 Datasheet
407Kb / 5P
   ultra low capacitance steering diode array
ET721 PROTEC-ET721_12 Datasheet
604Kb / 7P
   ULTRA LOW CAPACITANCE STEERING DIODE ARRAY
ET720 PROTEC-ET720_12 Datasheet
528Kb / 6P
   ULTRA LOW CAPACITANCE STEERING DIODE ARRAY
ET724 PROTEC-ET724_12 Datasheet
509Kb / 6P
   ULTRA LOW CAPACITANCE STEERING DIODE ARRAY
USB002 PROTEC-USB002_12 Datasheet
476Kb / 6P
   ULTRA LOW CAPACITANCE STEERING DIODE ARRAY
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com