Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6KE6V8CA Datasheet (PDF) - Diodes Incorporated

P6KE6V8CA Datasheet PDF - Diodes Incorporated
Part # P6KE6V8CA
Download  P6KE6V8CA Download

File Size   69.66 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 600W TRANSIENT VOLTAGE SUPPRESSOR

P6KE6V8CA Datasheet (PDF)

Go To PDF Page Download Datasheet
P6KE6V8CA Datasheet PDF - Diodes Incorporated

Part # P6KE6V8CA
Download  P6KE6V8CA Click to download

File Size   69.66 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 600W TRANSIENT VOLTAGE SUPPRESSOR

P6KE6V8CA Datasheet (HTML) - Diodes Incorporated

P6KE6V8CA Datasheet HTML 1Page - Diodes Incorporated P6KE6V8CA Datasheet HTML 2Page - Diodes Incorporated P6KE6V8CA Datasheet HTML 3Page - Diodes Incorporated P6KE6V8CA Datasheet HTML 4Page - Diodes Incorporated

P6KE6V8CA Product details

Features
• 600W Peak Pulse Power Dissipation
• Voltage Range 6.8V - 400V
• Constructed with Glass Passivated Die
• Uni- and BidirectionalVersions Available
• Excellent Clamping Capability
• Fast Response Time




Similar Part No. - P6KE6V8CA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
P6KE6V8CA FAIRCHILD-P6KE6V8CA Datasheet
50Kb / 3P
   Transient Voltage Suppressors P6KE6V8(C)A - P6KE440(C)A
logo
Diodes Incorporated
P6KE6V8CA DIODES-P6KE6V8CA Datasheet
77Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 17 - 2
logo
STMicroelectronics
P6KE6V8CA STMICROELECTRONICS-P6KE6V8CA Datasheet
141Kb / 9P
   Transil?? transient voltage surge suppressor (TVS)
P6KE6V8CA STMICROELECTRONICS-P6KE6V8CA Datasheet
141Kb / 9P
   Transil, transient voltage surge suppressor (TVS)
logo
Diodes Incorporated
P6KE6V8CA-B DIODES-P6KE6V8CA-B Datasheet
77Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 17 - 2
More results


Similar Description - P6KE6V8CA

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
6AJ LEIDITECH-6AJ Datasheet
917Kb / 6P
   600W Transient Voltage Suppressor
logo
WeEn Semiconductors
P6SMAL WEEN-P6SMAL Datasheet
557Kb / 7P
   600W Transient Voltage Suppressor
logo
Comchip Technology
P6KE-HF COMCHIP-P6KE-HF Datasheet
105Kb / 4P
   600W Transient Voltage Suppressor
logo
New Jersey Semi-Conduct...
P6KE6.8 NJSEMI-P6KE6.8 Datasheet
153Kb / 3P
   600w Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
P6KE LEIDITECH-P6KE Datasheet
775Kb / 5P
   600W Transient Voltage Suppressor
SMAFJ LEIDITECH-SMAFJ Datasheet
1Mb / 4P
   600W Transient Voltage Suppressor
logo
Sirectifier Global Corp...
P6KE6.8-LF SIRECT-P6KE6.8-LF Datasheet
129Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
P6KE COMCHIP-P6KE Datasheet
106Kb / 4P
   600w Transient Voltage Suppressor
logo
Diodes Incorporated
P6KE6V8CA DIODES-P6KE6V8CA_1 Datasheet
77Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 17 - 2
logo
WeEn Semiconductors
SMBJ WEEN-SMBJ Datasheet
605Kb / 7P
   600W Transient Voltage Suppressor
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com