Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF301 Datasheet (PDF) - Diodes Incorporated

SF301 Datasheet PDF - Diodes Incorporated
Part # SF301
Download  SF301 Download

File Size   63.97 Kbytes
Page   3 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 30A SUPER-FAST RECTIFIER

SF301 Datasheet (PDF)

Go To PDF Page Download Datasheet
SF301 Datasheet PDF - Diodes Incorporated

Part # SF301
Download  SF301 Click to download

File Size   63.97 Kbytes
Page   3 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 30A SUPER-FAST RECTIFIER

SF301 Datasheet (HTML) - Diodes Incorporated

SF301 Datasheet HTML 1Page - Diodes Incorporated SF301 Datasheet HTML 2Page - Diodes Incorporated SF301 Datasheet HTML 3Page - Diodes Incorporated

SF301 Product details

Features
• Plastic Package - UL Flamability
    Classification 94V-0
• High Current Capability
• High Surge Capacity
• High Fast Switching Capability < 35 ns
• Low Switching Noise and High Reliability
   




Similar Part No. - SF301

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SF301 WTE-SF301 Datasheet
47Kb / 3P
   3.0A SOFT FAST RECOVERY RECTIFIER
logo
Bytes
SF301 BYTES-SF301 Datasheet
166Kb / 2P
   30.0 AMP SUPER FAST RECTIFIERS
logo
Dc Components
SF301 DCCOM-SF301 Datasheet
524Kb / 2P
   TECHNICAL SPECIFICATIONS OF SUPER FAST RECTIFIER
logo
Formosa MS
SF301 FORMOSA-SF301 Datasheet
39Kb / 2P
   30.0 AMP SUPER FAST RECTIFIERS
logo
GOOD-ARK Electronics
SF301 GOOD-ARK-SF301 Datasheet
177Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
More results


Similar Description - SF301

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FEN30FP ETC2-FEN30FP Datasheet
316Kb / 4P
   30A Super Fast Recovery Rectifier
logo
TAITRON Components Inco...
FEN30FP TAITRON-FEN30FP Datasheet
316Kb / 4P
   30A Super Fast Recovery Rectifier
FEN30AP TAITRON-FEN30AP Datasheet
140Kb / 4P
   30A Super Fast Recovery Rectifier
logo
Won-Top Electronics
SF3001PT WTE-SF3001PT Datasheet
45Kb / 3P
   30A SUPER-FAST GLASS PASSIVATED RECTIFIER
logo
Digitron Semiconductors
MUR3020 DIGITRON-MUR3020 Datasheet
163Kb / 2P
   30A ULTRA FAST RECTIFIER
logo
Diodes Incorporated
SBR30150CT DIODES-SBR30150CT Datasheet
179Kb / 3P
   30A SBR Super Barrier Rectifier
SBR30150 Rev. 2
SBR3045CT DIODES-SBR3045CT Datasheet
179Kb / 3P
   30A SBR Super Barrier Rectifier
SBR3045 Rev. 2
SBR3045CTB DIODES-SBR3045CTB Datasheet
91Kb / 4P
   30A SBR SUPER BARRIER RECTIFIER
SBR30A120 DIODES-SBR30A120_15 Datasheet
191Kb / 5P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR3045CTB DIODES-SBR3045CTB_15 Datasheet
95Kb / 4P
   30A SBR짰 SUPER BARRIER RECTIFIER
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com