Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7806ABV Datasheet (PDF) - STMicroelectronics

L7806ABV Datasheet PDF - STMicroelectronics
Part # L7806ABV
Download  L7806ABV Download

File Size   1647.41 Kbytes
Page   58 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Positive voltage regulator ICs

L7806ABV Datasheet (PDF)

Go To PDF Page Download Datasheet
L7806ABV Datasheet PDF - STMicroelectronics

Part # L7806ABV
Download  L7806ABV Click to download

File Size   1647.41 Kbytes
Page   58 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Positive voltage regulator ICs

L7806ABV Datasheet (HTML) - STMicroelectronics

Back Button L7806ABV Datasheet HTML 1Page - STMicroelectronics L7806ABV Datasheet HTML 2Page - STMicroelectronics L7806ABV Datasheet HTML 3Page - STMicroelectronics L7806ABV Datasheet HTML 4Page - STMicroelectronics L7806ABV Datasheet HTML 5Page - STMicroelectronics L7806ABV Datasheet HTML 6Page - STMicroelectronics L7806ABV Datasheet HTML 7Page - STMicroelectronics L7806ABV Datasheet HTML 8Page - STMicroelectronics L7806ABV Datasheet HTML 9Page - STMicroelectronics L7806ABV Datasheet HTML 10Page - STMicroelectronics Next Button 

L7806ABV Product details

Description
The L78 series of three-terminal positive regulators is available in TO-220, TO-220FP, D²PAK and DPAK packages and several fixed output voltages, making it useful in a wide range of applications.
These regulators can provide local on-card regulation, eliminating the distribution problems associated with single point regulation. Each type embeds internal current limiting, thermal shut down and safe area protection, making it essentially indestructible. If adequate heat sinking is provided, they can deliver over 1 A output current. Although designed primarily as fixed voltage regulators, these devices can be used with external components to obtain adjustable voltage and currents.

Features
● Output current up to 1.5 A
● Output voltages of 5; 6; 8; 8.5; 9; 12; 15; 18; 24 V
● Thermal overload protection
● Short circuit protection
● Output transition SOA protection
● 2 % output voltage tolerance (A version)
● Guaranteed in extended temperature range (A version)




Similar Part No. - L7806ABV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L7806ABV STMICROELECTRONICS-L7806ABV Datasheet
108Kb / 17P
   PRECISION 1A REGULATORS
L7806ABV STMICROELECTRONICS-L7806ABV Datasheet
373Kb / 28P
   Precision 1A regulators
L7806ABV STMICROELECTRONICS-L7806ABV Datasheet
780Kb / 26P
   Precision 1 A regulators
L7806ABV STMICROELECTRONICS-L7806ABV Datasheet
2Mb / 57P
   Positive voltage regulator ICs
March 2013 Rev 31
L7806ABV STMICROELECTRONICS-L7806ABV Datasheet
1Mb / 58P
   Positive voltage regulator ICs
March 2014 Rev 32
More results


Similar Description - L7806ABV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CD00000444 STMICROELECTRONICS-CD00000444 Datasheet
1Mb / 58P
   Positive voltage regulator ICs
March 2014 Rev 32
L7808CV-DG STMICROELECTRONICS-L7808CV-DG Datasheet
1Mb / 57P
   Positive voltage regulator ICs
September 2012 Rev 30
L7824CV-DG STMICROELECTRONICS-L7824CV-DG Datasheet
2Mb / 57P
   Positive voltage regulator ICs
L7815CV-DG STMICROELECTRONICS-L7815CV-DG Datasheet
1Mb / 57P
   Positive voltage regulator ICs
L7824ABD2T STMICROELECTRONICS-L7824ABD2T Datasheet
2Mb / 57P
   Positive voltage regulator ICs
March 2013 Rev 31
L7805CT STMICROELECTRONICS-L7805CT Datasheet
1Mb / 57P
   Positive voltage regulator ICs
L7805CT STMICROELECTRONICS-L7805CT Datasheet
1Mb / 57P
   Positive voltage regulator ICs
L78 STMICROELECTRONICS-L78_V01 Datasheet
1Mb / 55P
   Positive voltage regulator ICs
Rev 36 - September 2018
L7812ABV-DG STMICROELECTRONICS-L7812ABV-DG Datasheet
2Mb / 57P
   Positive voltage regulator ICs
logo
SeCoS Halbleitertechnol...
SE78XX SECOS-SE78XX_15 Datasheet
422Kb / 5P
   Positive Voltage Regulator
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com