Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAFR1A Datasheet (PDF) - Guangdong Juxing Electronics Technology Co., Ltd.

MAFR1A Datasheet PDF - Guangdong Juxing Electronics Technology Co., Ltd.
Part # MAFR1A
Download  MAFR1A Download

File Size   1554.35 Kbytes
Page   3 Pages
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.
Description Surface Mount Fast Recovery Rectifiers

MAFR1A Datasheet (PDF)

Go To PDF Page Download Datasheet
MAFR1A Datasheet PDF - Guangdong Juxing Electronics Technology Co., Ltd.

Part # MAFR1A
Download  MAFR1A Click to download

File Size   1554.35 Kbytes
Page   3 Pages
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.
Description Surface Mount Fast Recovery Rectifiers

MAFR1A Datasheet (HTML) - Guangdong Juxing Electronics Technology Co., Ltd.

MAFR1A Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. MAFR1A Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. MAFR1A Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.



Similar Part No. - MAFR1A

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAFR-000050-5S4C1T MA-COM-MAFR-000050-5S4C1T Datasheet
70Kb / 1P
   Single Junction Surface Mount Circulator 2.4GHz, 2.6GHz, 3.35GHz, 3.5GHz
MAFR-000053-AS1S1R MA-COM-MAFR-000053-AS1S1R Datasheet
93Kb / 2P
   Single Junction Robust Lead Isolator 869 MHz-894 MHz
MAFR-000054-GS1S1R MA-COM-MAFR-000054-GS1S1R Datasheet
93Kb / 2P
   Single Junction Robust Lead Isolator 925 MHz-960 MHz
MAFR-000055-DS1S1R MA-COM-MAFR-000055-DS1S1R Datasheet
93Kb / 2P
   Single Junction Robust Lead Isolator 1805 MHz-1880 MHz
MAFR-000072-DS1C1R MA-COM-MAFR-000072-DS1C1R Datasheet
94Kb / 2P
   Single Junction Robust Lead Circulator 1805 MHz-1880 MHz
More results


Similar Description - MAFR1A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SR3A EIC-SR3A Datasheet
47Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIERS
SRR0 EIC-SRR0 Datasheet
48Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Silicon Standard Corp.
GR3K SSC-GR3K Datasheet
271Kb / 3P
   FAST RECOVERY SURFACE MOUNT RECTIFIERS
logo
Compact Technology Corp...
FS1A CTC-FS1A Datasheet
173Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
SR3A EIC-SR3A_05 Datasheet
55Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
RS1A SEMTECH_ELEC-RS1A Datasheet
168Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Weitron Technology
RS3A WEITRON-RS3A Datasheet
84Kb / 3P
   Surface Mount Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
RS1AL TSC-RS1AL_14 Datasheet
378Kb / 4P
   Surface Mount Fast Recovery Rectifiers
logo
Shenzhen Taychipst Elec...
FR3A TAYCHIPST-FR3A Datasheet
1Mb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Shenzhen Luguang Electr...
DFR05A LUGUANG-DFR05A Datasheet
175Kb / 2P
   Surface Mount Fast Recovery Rectifiers
logo
SHENZHEN YONGERJIA INDU...
FR101W WINNERJOIN-FR101W Datasheet
289Kb / 3P
   Surface Mount Fast Recovery Rectifiers
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com