Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2160C Datasheet (PDF) - Elantec Semiconductor

EL2160C Datasheet PDF - Elantec Semiconductor
Part # EL2160C
Download  EL2160C Download

File Size   566.86 Kbytes
Page   18 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description 180MHz Current Feedback Amplifier

EL2160C Datasheet (PDF)

Go To PDF Page Download Datasheet
EL2160C Datasheet PDF - Elantec Semiconductor

Part # EL2160C
Download  EL2160C Click to download

File Size   566.86 Kbytes
Page   18 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description 180MHz Current Feedback Amplifier

EL2160C Datasheet (HTML) - Elantec Semiconductor

Back Button EL2160C Datasheet HTML 1Page - Elantec Semiconductor EL2160C Datasheet HTML 2Page - Elantec Semiconductor EL2160C Datasheet HTML 3Page - Elantec Semiconductor EL2160C Datasheet HTML 4Page - Elantec Semiconductor EL2160C Datasheet HTML 5Page - Elantec Semiconductor EL2160C Datasheet HTML 6Page - Elantec Semiconductor EL2160C Datasheet HTML 7Page - Elantec Semiconductor EL2160C Datasheet HTML 8Page - Elantec Semiconductor EL2160C Datasheet HTML 9Page - Elantec Semiconductor EL2160C Datasheet HTML 10Page - Elantec Semiconductor Next Button 

EL2160C Product details

General Description

The EL2160C is a current feedback operational amplifier with b3 dB bandwidth of 130 MHz at a gain of a2. Built using the Elantec proprietary monolithic complementary bipolar process, this amplifer uses current mode feedback to achieve more band width at a given gain than a conventional voltage feedback operational amplifier.



Features

• 130 MHz 3 dB bandwidth (AV e a2)

• 180 MHz 3 dB bandwidth (AV e a1)

• 0.01% differential gain, RL e 500X

• 0.01§ differential phase, RL e 500X

• Low supply current, 8.5 mA

• Wide supply range, g2V to g15V

• 80 mA output current (peak)

• Low cost

• 1500 V/ms slew rate

• Input common mode range to within 1.5V of supplies

• 35 ns settling time to 0.1%



Applications

• Video amplifiers

• Cable drivers

• RGB amplifiers

• Test equipment amplifiers

• Current to voltage converter



 




Similar Part No. - EL2160C

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2160C-1 ELANTEC-EL2160C-1 Datasheet
430Kb / 16P
   130 MHz Current Feedback Amplifier
logo
Intersil Corporation
EL2160CM INTERSIL-EL2160CM Datasheet
280Kb / 14P
   180MHz Current Feedback Amplifier
EL2160CM-T13 INTERSIL-EL2160CM-T13 Datasheet
280Kb / 14P
   180MHz Current Feedback Amplifier
logo
Elantec Semiconductor
EL2160CN ELANTEC-EL2160CN Datasheet
430Kb / 16P
   130 MHz Current Feedback Amplifier
logo
Intersil Corporation
EL2160CN INTERSIL-EL2160CN Datasheet
280Kb / 14P
   180MHz Current Feedback Amplifier
More results


Similar Description - EL2160C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2160 INTERSIL-EL2160 Datasheet
280Kb / 14P
   180MHz Current Feedback Amplifier
logo
Analog Devices
AD8001 AD-AD8001_17 Datasheet
329Kb / 17P
   Current Feedback Amplifier
AD8004 AD-AD8004_17 Datasheet
449Kb / 17P
   Current Feedback Amplifier
logo
NXP Semiconductors
SA5211 PHILIPS-SA5211 Datasheet
172Kb / 20P
   Transimpedance amplifier 180MHz
1998 Oct 07
logo
Intersil Corporation
HA-5004883 INTERSIL-HA-5004883 Datasheet
119Kb / 5P
   100MHz Current Feedback Amplifier
logo
Elantec Semiconductor
EL400C ELANTEC-EL400C Datasheet
427Kb / 11P
   200MHz Current Feedback Amplifier
logo
Linear Technology
LT1223 LINER-LT1223 Datasheet
290Kb / 12P
   100MHz Current Feedback Amplifier
logo
Intersil Corporation
HA-5004 INTERSIL-HA-5004 Datasheet
503Kb / 8P
   100MHz Current Feedback Amplifier
January 1999
logo
Harris Corporation
HA5004 HARRIS-HA5004 Datasheet
503Kb / 8P
   100MHz Current Feedback Amplifier
logo
Renesas Technology Corp
EL400 RENESAS-EL400 Datasheet
725Kb / 9P
   200MHz Current Feedback Amplifier
Sep 20, 2002
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com