Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HB52E649E12 Datasheet (PDF) - Elpida Memory

HB52E649E12 Datasheet PDF - Elpida Memory
Part # HB52E649E12
Download  HB52E649E12 Download

File Size   147.25 Kbytes
Page   16 Pages
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory
Description 512 MB Registered SDRAM DIMM 64-Mword72-bit, 100 MHz Memory Bus, 1-Bank Module (18 pcs of 64 M 횞 4 Components) PC100 SDRAM

HB52E649E12 Datasheet (PDF)

Go To PDF Page Download Datasheet
HB52E649E12 Datasheet PDF - Elpida Memory

Part # HB52E649E12
Download  HB52E649E12 Click to download

File Size   147.25 Kbytes
Page   16 Pages
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory
Description 512 MB Registered SDRAM DIMM 64-Mword72-bit, 100 MHz Memory Bus, 1-Bank Module (18 pcs of 64 M 횞 4 Components) PC100 SDRAM

HB52E649E12 Datasheet (HTML) - Elpida Memory

Back Button HB52E649E12 Datasheet HTML 1Page - Elpida Memory HB52E649E12 Datasheet HTML 2Page - Elpida Memory HB52E649E12 Datasheet HTML 3Page - Elpida Memory HB52E649E12 Datasheet HTML 4Page - Elpida Memory HB52E649E12 Datasheet HTML 5Page - Elpida Memory HB52E649E12 Datasheet HTML 6Page - Elpida Memory HB52E649E12 Datasheet HTML 7Page - Elpida Memory HB52E649E12 Datasheet HTML 8Page - Elpida Memory HB52E649E12 Datasheet HTML 9Page - Elpida Memory HB52E649E12 Datasheet HTML 10Page - Elpida Memory Next Button 

HB52E649E12 Product details

Description
The HB52E649E12 belongs to 8-byte DIMM (Dual In-line Memory Module) family, and has been developed as an optimized main memory solution for 8-byte processor applications. The HB52E649E12 is a 64M × 72 × 1-bank Synchronous Dynamic RAM Registered Module, mounted 18 pieces of 256-Mbit SDRAM (HM5225405BTT) sealed in TSOP package, 1 piece of PLL clock driver, 2 pieces of register driver and 1 piece of serial EEPROM (2-kbit) for Presence Detect (PD). An outline of the HB52E649E12 is 168-pin socket type package (dual lead out). Therefore, the HB52E649E12 makes high density mounting possible without surface mount technology. The HB52E649E12 provides common data inputs and outputs. Decoupling capacitors are mounted beside each TSOP on the module board.

Features
• Fully compatible with : JEDEC standard outline 8-byte DIMM : Intel PCB Reference design (Rev.1.2)
• 168-pin socket type package (dual lead out)
    - Outline: 133.37 mm (Length) × 43.18 mm (Height) × 4.00 mm (Thickness)
    - Lead pitch: 1.27 mm
• 3.3 V power supply
• Clock frequency: 100 MHz (max)
• LVTTL interface
• Data bus width: × 72 ECC
• Single pulsed RAS
• 4 Banks can operates simultaneously and independently
• Burst read/write operation and burst read/single write operation capability
• Programmable burst length: 1/2/4/8
• 2 variations of burst sequence
    - Sequential
    - Interleave
• Programmable CE latency : 3/4 (HB52E649E12-A6B) : 4 (HB52E649E12-B6B)
• Byte control by DQMB
• Refresh cycles: 8192 refresh cycles/64 ms
• 2 variations of refresh
    - Auto refresh
    - Self refresh




Similar Part No. - HB52E649E12

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HB52E649EN-A6B ELPIDA-HB52E649EN-A6B Datasheet
215Kb / 28P
   512 MB Unbuffered SDRAM DIMM, 100 MHz Memory Bus
HB52E649EN-B6B ELPIDA-HB52E649EN-B6B Datasheet
215Kb / 28P
   512 MB Unbuffered SDRAM DIMM, 100 MHz Memory Bus
More results


Similar Description - HB52E649E12

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HB52R649E1U-A6B ELPIDA-HB52R649E1U-A6B Datasheet
158Kb / 20P
   512 MB Registered SDRAM DIMM 64-Mword 횞 72-bit, 100 MHz Memory Bus, 1-Bank Module (18 pcs of 64 M 횞 4 Components) PC100 SDRAM
HB52RF649E1U-75B ELPIDA-HB52RF649E1U-75B Datasheet
157Kb / 20P
   512 MB Registered SDRAM DIMM 64-Mword 횞 72-bit, 133 MHz Memory Bus, 1-Bank Module (18 pcs of 64 M 횞 4 Components) PC133 SDRAM
HB52F649E1 ELPIDA-HB52F649E1 Datasheet
143Kb / 16P
   512 MB Registered SDRAM DIMM 64-Mword 횞 72-bit, 133 MHz Memory Bus, 1-Bank Module (18 pcs of 64 M 횞 4 Components) PC133SDRAM
HB52R1289E2U-A6B ELPIDA-HB52R1289E2U-A6B Datasheet
166Kb / 22P
   1 GB Registered SDRAM DIMM 128-Mword 횞 72-bit, 100 MHz Memory Bus, 2-Bank Module (36 pcs of 64 M 횞 4 Components) PC100 SDRAM
HB52D48GB-F ELPIDA-HB52D48GB-F Datasheet
149Kb / 23P
   32 MB Unbuffered SDRAM Micro DIMM 4-Mword 횞 64-bit, 100 MHz Memory Bus, 1-Bank Module (4 pcs of 4 M 횞 16 components) PC100 SDRAM
HB52R329E22-F ELPIDA-HB52R329E22-F Datasheet
356Kb / 66P
   256 MB Registered SDRAM DIMM 32-Mword 횞 72-bit, 100 MHz Memory Bus, 2-Bank Module (36 pcs of 16 M 횞 4 Components) PC100 SDRAM
HB52RD168GB-F ELPIDA-HB52RD168GB-F Datasheet
115Kb / 22P
   128 MB Unbuffered SDRAM Micro DIMM 16-Mword 횞 64-bit, 100 MHz Memory Bus, 1-Bank Module (16 pcs of 16 M 횞 4 components) PC100 SDRAM
HB52RF1289E2U-75B ELPIDA-HB52RF1289E2U-75B Datasheet
157Kb / 20P
   1 GB Registered SDRAM DIMM 128-Mword 횞 72-bit, 133 MHz Memory Bus, 2-Bank Module (36 pcs of 64 M 횞 4 Components) PC133 SDRAM
HB52RF1289E2-75B ELPIDA-HB52RF1289E2-75B Datasheet
167Kb / 16P
   1 GB Registered SDRAM DIMM 128-Mword 횞 72-bit, 133 MHz Memory Bus, 2-Bank Module (36 pcs of 64 M 횞 4 Components) PC133 SDRAM
HB52RF1289E2 ELPIDA-HB52RF1289E2 Datasheet
161Kb / 16P
   1 GB Registered SDRAM DIMM 128-Mword 횞 72-bit, 133 MHz Memory Bus, 2-Bank Module (36 pcs of 64 M 횞 4 Components) PC133 SDRAM
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com