Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC-4532DA727XFA Datasheet (PDF) - Elpida Memory

MC-4532DA727XFA Datasheet PDF - Elpida Memory
Part # MC-4532DA727XFA
Download  MC-4532DA727XFA Download

File Size   162.5 Kbytes
Page   14 Pages
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory
Description 32 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE

MC-4532DA727XFA Datasheet (PDF)

Go To PDF Page Download Datasheet
MC-4532DA727XFA Datasheet PDF - Elpida Memory

Part # MC-4532DA727XFA
Download  MC-4532DA727XFA Click to download

File Size   162.5 Kbytes
Page   14 Pages
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory
Description 32 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE

MC-4532DA727XFA Datasheet (HTML) - Elpida Memory

Back Button MC-4532DA727XFA Datasheet HTML 1Page - Elpida Memory MC-4532DA727XFA Datasheet HTML 2Page - Elpida Memory MC-4532DA727XFA Datasheet HTML 3Page - Elpida Memory MC-4532DA727XFA Datasheet HTML 4Page - Elpida Memory MC-4532DA727XFA Datasheet HTML 5Page - Elpida Memory MC-4532DA727XFA Datasheet HTML 6Page - Elpida Memory MC-4532DA727XFA Datasheet HTML 7Page - Elpida Memory MC-4532DA727XFA Datasheet HTML 8Page - Elpida Memory MC-4532DA727XFA Datasheet HTML 9Page - Elpida Memory MC-4532DA727XFA Datasheet HTML 10Page - Elpida Memory Next Button 

MC-4532DA727XFA Product details

Description
The MC-4532DA727 is a 33,554,432 words by 72 bits synchronous dynamic RAM module on which 18 pieces of 128M SDRAM: µPD45128441 are assembled.
This module provides high density and large quantities of memory in a small space without utilizing the surfacemounting technology on the printed circuit board. Decoupling capacitors are mounted on power supply line for noise reduction.

Features
• 33,554,432 words by 72 bits organization (ECC type)
• Clock frequency and access time from CLK
• Fully Synchronous Dynamic RAM, with all signals referenced to a positive clock edge
• Pulsed interface
• Possible to assert random column address in every cycle
• Quad internal banks controlled by BA0 and BA1 (Bank Select)
• Programmable burst-length (1, 2, 4, 8 and Full Page)
• Programmable wrap sequence (Sequential / Interleave)
• Programmable /CAS latency (2, 3)
• Automatic precharge and controlled precharge
• CBR (Auto) refresh and self refresh
• All DQs have 10 Ω ±10 % of series resistor
• Single 3.3 V ±0.3 V power supply
• LVTTL compatible
• 4,096 refresh cycles/64 ms
• Burst termination by Burst Stop command and Precharge command
• 168-pin dual in-line memory module (Pin pitch = 1.27 mm)
• Registered type
• Serial PD




Similar Part No. - MC-4532DA727XFA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-4532DA727XFA-A75 ELPIDA-MC-4532DA727XFA-A75 Datasheet
227Kb / 15P
   32 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
More results


Similar Description - MC-4532DA727XFA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-4532DA727 ELPIDA-MC-4532DA727 Datasheet
227Kb / 15P
   32 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
NEC
MC-4532DA726 NEC-MC-4532DA726 Datasheet
247Kb / 6P
   32 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
Elpida Memory
MC-4532DA726 ELPIDA-MC-4532DA726 Datasheet
185Kb / 16P
   32 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-45D32DC721 ELPIDA-MC-45D32DC721 Datasheet
196Kb / 16P
   32 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-45D32DA721 ELPIDA-MC-45D32DA721 Datasheet
210Kb / 16P
   32 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-4516DA727XFA ELPIDA-MC-4516DA727XFA Datasheet
173Kb / 14P
   16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
NEC
MC-4564EC726 NEC-MC-4564EC726 Datasheet
292Kb / 6P
   64 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
Elpida Memory
MC-4516DA726 ELPIDA-MC-4516DA726 Datasheet
176Kb / 16P
   16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
NEC
MC-4516DA726 NEC-MC-4516DA726 Datasheet
232Kb / 6P
   16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
Elpida Memory
MC-4516DA727 ELPIDA-MC-4516DA727 Datasheet
224Kb / 15P
   16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com