![]() Datasheet Search System ![]() Mirror site : alldatasheet.com, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Datasheet |
40 - 1620 nm DFB Laser for Supervisory Channel Applications - Ericsson |
|
Click Here View 40 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| PGT20130 | 1510 nm DFB Laser for Supervisory Channel Applications | Ericsson |
| PGT60107 | 1620 nm Transmitter Module for Supervisory Channel Applications | Ericsson |
| PGT20102 | DFB/EA Laser Module for 2.5 Gb/s Applications | Ericsson |
| D372 | D372-Type Digital Uncooled DFB Laser Module for 2.5 Gbits/s Applications | Agere Systems |
| D572 | D572-Type 1.5 m m Uncooled DFB FastLight Άβ Laser Module for 2.5 Gbits/s and High Bandwidth Applications | Agere Systems |
| PGT20306 | DFB/EA Laser Module for 2.5 Gb/s Applications | Ericsson |
| PGT20326 | DFB/EA Laser Module for 2.5 Gb/s Applications | Ericsson |
| PGT20327 | DFB/EA Laser Module for 2.5 Gb/s Applications | Ericsson |
| PGT20401 | DFB/EA Laser Module for 10 Gb/s Applications | Ericsson |
| PGT20403 | DFB/EA Laser Module for 10 Gb/s Applications | Ericsson |
Link URL |
|
|
Related keyword |
| 40 Datasheet | 40 Cross Reference | 40 Schematic | 40 Distributor | 40 Datenblatt | 40 RoHS |
| 40 Equivalent | 40 Application Notes | 40 Data Sheet | 40 component | 40 Fiche Technique | 40 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.net 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |