Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PGR20312 Datasheet (PDF) - Ericsson

PGR20312 Datasheet PDF - Ericsson
Part # PGR20312
Download  PGR20312 Download

File Size   330.06 Kbytes
Page   4 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description APD Receiver Module up to 3 Gb/s

PGR20312 Datasheet (PDF)

Go To PDF Page Download Datasheet
PGR20312 Datasheet PDF - Ericsson

Part # PGR20312
Download  PGR20312 Click to download

File Size   330.06 Kbytes
Page   4 Pages
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson
Description APD Receiver Module up to 3 Gb/s

PGR20312 Datasheet (HTML) - Ericsson

PGR20312 Datasheet HTML 1Page - Ericsson PGR20312 Datasheet HTML 2Page - Ericsson PGR20312 Datasheet HTML 3Page - Ericsson PGR20312 Datasheet HTML 4Page - Ericsson

PGR20312 Product details

Description
Fiber optic receiver front-end module for STM-16 and OC-48 WDM applications. The module includes an InGaAs Avalanche Photo Diode (APD), with a low noise GaAs MMIC preamplifier in a 14 pin butterfly package.The module is equipped with an internal thermistor. The single-mode fiber pigtail is terminated with a customer specified connector. The module operates between 1250 and 1620 nm. The electrical outputs are AC-coupled and differential.

Key Features
• Hermetic, 14 pin butterfly package with multisourced footprint
• FC/PC, SC or ST connector
• InGaAs APD with low noise GaAs MMIC preamplifier
• AC-coupled, differential data output
• Operates between 1250 nm and 1620 nm
• 2.0 GHz minimum bandwidth
• -34 dBm typical sensitivity
• -3 dBm typical overload

Applications
• WDM
• SDH STM-16 LH
• SONET OC-48 LR
• Digital recievers to 3 Gb/s
• Analog receivers to 2.0 GHz




Similar Part No. - PGR20312

ManufacturerPart #DatasheetDescription
logo
Ericsson
PGR20314 ERICSSON-PGR20314 Datasheet
343Kb / 4P
   APD Receiver Module for 2.5 Gb/s
More results


Similar Description - PGR20312

ManufacturerPart #DatasheetDescription
logo
Ericsson
PGR20302 ERICSSON-PGR20302 Datasheet
340Kb / 4P
   PIN Receiver Module up to 3 Gb/s
PGR20314 ERICSSON-PGR20314 Datasheet
343Kb / 4P
   APD Receiver Module for 2.5 Gb/s
PGR20301 ERICSSON-PGR20301 Datasheet
342Kb / 4P
   PIN Receiver Module for 2.5 Gb/s
logo
California Eastern Labs
NR4210 CEL-NR4210 Datasheet
381Kb / 14P
   InAlAs APD RECEIVER WITH INTERNAL PRE-AMPLIFIER FOR 10 Gb/s APPLICATIONS
NR4211TH CEL-NR4211TH Datasheet
930Kb / 7P
   InAlAs APD RECEIVER WITH INTERNAL PRE-AMPLIFIER FOR 10 Gb/s APPLICATIONS
NR4510US CEL-NR4510US Datasheet
1Mb / 6P
   InGaAs APD RECEIVER FOR 2.5 Gb/s ROSA WITH INTERNAL PRE-AMPLIFIER
logo
Optoway Technology Inc
SPS-9110V-2RG_2015 OPTOWAY-SPS-9110V-2RG_2015 Datasheet
133Kb / 5P
   3 Gb/s Dual Optical SM Receiver
SPS-9380V-2RG OPTOWAY-SPS-9380V-2RG_15 Datasheet
133Kb / 5P
   3 Gb/s Dual Optical SM Receiver
SPS-9380V-1RG_2015 OPTOWAY-SPS-9380V-1RG_2015 Datasheet
138Kb / 5P
   3 Gb/s Single Optical SM Receiver
SPS-9110V-2RG OPTOWAY-SPS-9110V-2RG_15 Datasheet
133Kb / 5P
   3 Gb/s Dual Optical SM Receiver
More results




About Ericsson


Ericsson is a Swedish multinational telecommunications company that was founded in 1876. The company is one of the world's leading providers of communications technology and services, and has a significant presence in the mobile and fixed network infrastructure markets.

Ericsson provides a wide range of products and services for mobile and fixed networks, including equipment for wireless and wired communication, IP networking, and cloud services. The company also offers software and services for network and business operations, as well as consulting, training, and managed services.

Ericsson is at the forefront of 5G technology and is heavily involved in the development and deployment of 5G networks around the world. The company is also working on developing new technologies for the Internet of Things (IoT) and is a leader in the development of network automation and artificial intelligence (AI) solutions.

Ericsson operates in more than 180 countries and has a strong global presence, with R&D centers located in several countries, including Sweden, China, and the United States.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com