Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XL1002-BD Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

XL1002-BD Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # XL1002-BD
Download  XL1002-BD Download

File Size   936.95 Kbytes
Page   10 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Low Noise Amplifier

XL1002-BD Datasheet (PDF)

Go To PDF Page Download Datasheet
XL1002-BD Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # XL1002-BD
Download  XL1002-BD Click to download

File Size   936.95 Kbytes
Page   10 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Low Noise Amplifier

XL1002-BD Datasheet (HTML) - M/A-COM Technology Solutions, Inc.

XL1002-BD Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. XL1002-BD Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. XL1002-BD Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. XL1002-BD Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. XL1002-BD Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. XL1002-BD Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. XL1002-BD Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. XL1002-BD Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. XL1002-BD Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. XL1002-BD Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc.

XL1002-BD Product details

Description
M/A-COM Tech’s three stage balanced 20.0-36.0 GHz GaAs MMIC low noise amplifier has a small signal gain of 23.0 dB with a noise figure of 2.6 dB across the band. This MMIC uses M/A-COM Tech’s GaAs PHEMT device model technology, and is based upon electron beam lithography to ensure high repeatability and uniformity. The chip has surface passivation to protect and provide a rugged part with backside via holes and gold metallization to allow either a conductive epoxy or eutectic solder die attach process. This device is well suited for Millimeter-wave Point-to-Point Radio, LMDS, SATCOM and VSAT applications.

Features
• Balanced Design
• Excellent Input/Output Match
• Self-biased Architecture
• 23.0 dB Small Signal Gain
• 2.6 dB Noise Figure
• 100% On-Wafer RF, DC and Noise Figure Testing
• 100% Visual Inspection to MIL-STD-883 Method 2010
• RoHS* Compliant and 260°C Reflow Compatible




Similar Part No. - XL1002-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XL1002-BD MIMIX-XL1002-BD Datasheet
583Kb / 8P
   20.0-36.0 GHz GaAs MMIC Low Noise Amplifier
XL1002-BD MIMIX-XL1002-BD Datasheet
1Mb / 9P
   20.0-36.0 GHz GaAs MMIC
XL1002-BD-000V MIMIX-XL1002-BD-000V Datasheet
583Kb / 8P
   20.0-36.0 GHz GaAs MMIC Low Noise Amplifier
logo
M/A-COM Technology Solu...
XL1002-BD-000V MA-COM-XL1002-BD-000V Datasheet
947Kb / 11P
   Low Noise Amplifier
logo
Mimix Broadband
XL1002-BD-EV1 MIMIX-XL1002-BD-EV1 Datasheet
583Kb / 8P
   20.0-36.0 GHz GaAs MMIC Low Noise Amplifier
More results


Similar Description - XL1002-BD

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBLA-5845-6430-20 AAC-JXWBLA-5845-6430-20 Datasheet
99Kb / 1P
   Low Noise Amplifier
JXWBLA-T-0.1-100-15 AAC-JXWBLA-T-0.1-100-15 Datasheet
62Kb / 1P
   Low Noise Amplifier
JXWBLA-T-10.7-12.7-20 AAC-JXWBLA-T-10.7-12.7-20 Datasheet
56Kb / 1P
   Low Noise Amplifier
JXWBLA-T-85-115-42 AAC-JXWBLA-T-85-115-42 Datasheet
74Kb / 1P
   Low Noise Amplifier
JXWBLA-T-880-960-15 AAC-JXWBLA-T-880-960-15 Datasheet
59Kb / 1P
   Low Noise Amplifier
JXWBLA-T-1000-3000-25 AAC-JXWBLA-T-1000-3000-25 Datasheet
36Kb / 1P
   Low Noise Amplifier
JXWBLA-T-3000-3500-45 AAC-JXWBLA-T-3000-3500-45 Datasheet
37Kb / 1P
   Low Noise Amplifier
logo
Tyco Electronics
AM50-0002V7 MACOM-AM50-0002V7 Datasheet
214Kb / 5P
   Low Noise Amplifier
logo
List of Unclassifed Man...
RGLNA10 ETC2-RGLNA10 Datasheet
44Kb / 2P
   Low Noise Amplifier
logo
American Accurate Compo...
LA1018N4020-T AAC-LA1018N4020-T Datasheet
73Kb / 1P
   Low Noise Amplifier
logo
Mini-Circuits
TAMP-1521GLN++ MINI-TAMP-1521GLN+ Datasheet
194Kb / 1P
   Low Noise Amplifier
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com