Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPC2C471K Datasheet (PDF) - KOA Speer Electronics, Inc.

HPC2C471K Datasheet PDF - KOA Speer Electronics, Inc.
Part # HPC2C471K
Download  HPC2C471K Download

File Size   230.46 Kbytes
Page   2 Pages
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.
Description RESISTANCE TO POWER SURGE

HPC2C471K Datasheet (PDF)

Go To PDF Page Download Datasheet
HPC2C471K Datasheet PDF - KOA Speer Electronics, Inc.

Part # HPC2C471K
Download  HPC2C471K Click to download

File Size   230.46 Kbytes
Page   2 Pages
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.
Description RESISTANCE TO POWER SURGE

HPC2C471K Datasheet (HTML) - KOA Speer Electronics, Inc.

HPC2C471K Datasheet HTML 1Page - KOA Speer Electronics, Inc. HPC2C471K Datasheet HTML 2Page - KOA Speer Electronics, Inc.



Similar Part No. - HPC2C471K

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
HPC2C470K KOA-HPC2C470K Datasheet
344Kb / 3P
   ceramic fixed power type leaded resistor
More results


Similar Description - HPC2C471K

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
5KP NJSEMI-5KP Datasheet
216Kb / 4P
   Low incremental surge resistance
logo
Micro Commercial Compon...
15KP17 MCC-15KP17 Datasheet
232Kb / 3P
   Low incremental surge resistance
logo
Rohm
ESR01 ROHM-ESR01_12 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors 2kV to 5kV electrostatic discharge resistance.
logo
TT Electronics.
SQM TTELEC-SQM Datasheet
419Kb / 3P
   resistance or1 to 200k
LHVC TTELEC-LHVC Datasheet
284Kb / 2P
   Resistance 50K to 10M
logo
List of Unclassifed Man...
BT136-600-127 ETC2-BT136-600-127 Datasheet
44Kb / 6P
   Thermal resistance junction to mounting base Thermal resistance junction to ambient
logo
International Rectifier
IRFH8316PBF IRF-IRFH8316PBF Datasheet
262Kb / 9P
   Low Thermal Resistance to PCB
logo
Infineon Technologies A...
IRFHM9331 INFINEON-IRFHM9331 Datasheet
236Kb / 8P
   Low Thermal Resistance to PCB
2013-12-16
logo
TT Electronics.
PPW TTELEC-PPW Datasheet
280Kb / 2P
   resistance to or1 ohms to 5k ohms
logo
Welwyn Components Limit...
PLO WELWYN-PLO Datasheet
189Kb / 1P
   Low Resistance Power Wirewounds
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com