Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EP08 Datasheet (PDF) - ON Semiconductor

MC100EP08 Datasheet PDF - ON Semiconductor
Part # MC100EP08
Download  MC100EP08 Download

File Size   156.81 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3.3V / 5V ECL 2-Input Differential XOR/XNOR

MC100EP08 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC100EP08 Datasheet PDF - ON Semiconductor

Part # MC100EP08
Download  MC100EP08 Click to download

File Size   156.81 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3.3V / 5V ECL 2-Input Differential XOR/XNOR

MC100EP08 Datasheet (HTML) - ON Semiconductor

Back Button MC100EP08 Datasheet HTML 1Page - ON Semiconductor MC100EP08 Datasheet HTML 2Page - ON Semiconductor MC100EP08 Datasheet HTML 3Page - ON Semiconductor MC100EP08 Datasheet HTML 4Page - ON Semiconductor MC100EP08 Datasheet HTML 5Page - ON Semiconductor MC100EP08 Datasheet HTML 6Page - ON Semiconductor MC100EP08 Datasheet HTML 7Page - ON Semiconductor MC100EP08 Datasheet HTML 8Page - ON Semiconductor MC100EP08 Datasheet HTML 9Page - ON Semiconductor MC100EP08 Datasheet HTML 10Page - ON Semiconductor Next Button 

MC100EP08 Product details

Description
The MC10/100EP08 is a differential XOR/XNOR gate. The EP08 is ideal for applications requiring the fastest AC performance available.
The 100 Series contains temperature compensation.

Features
• 250 ps Typical Propagation Delay
• Maximum Frequency > 3 GHz Typical
• PECL Mode Operating Range: VCC = 3.0 V to 5.5 V with VEE = 0 V
• NECL Mode Operating Range: VCC = 0 V with VEE = −3.0 V to −5.5 V
• Open Input Default State
• Safety Clamp on Inputs
• Q Output Will Default LOW with Inputs Open or at VEE
• These are Pb−Free Devices




Similar Part No. - MC100EP08

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP08 ONSEMI-MC100EP08 Datasheet
156Kb / 11P
   3.3V / 5V ECL 2-Input Differential XOR/XNOR
September, 2012 ??Rev. 6
MC100EP08D ONSEMI-MC100EP08D Datasheet
75Kb / 8P
   Differential 2-Input XOR/XNOR
April, 2001 ??Rev. 3
MC100EP08D ONSEMI-MC100EP08D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC100EP08DG ONSEMI-MC100EP08DG Datasheet
156Kb / 11P
   3.3V / 5V ECL 2-Input Differential XOR/XNOR
September, 2012 ??Rev. 6
MC100EP08DG ONSEMI-MC100EP08DG Datasheet
178Kb / 10P
   ECL 2-Input Differential XOR/XNOR
August, 2016 ??Rev. 7
More results


Similar Description - MC100EP08

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP08DG ONSEMI-MC100EP08DG Datasheet
156Kb / 11P
   3.3V / 5V ECL 2-Input Differential XOR/XNOR
September, 2012 ??Rev. 6
logo
Micrel Semiconductor
SY10EP08V MICREL-SY10EP08V Datasheet
110Kb / 7P
   5V/3.3V DIFFERENTIAL 2-INPUT XOR/XNOR
logo
ON Semiconductor
MC10EP08 ONSEMI-MC10EP08_16 Datasheet
178Kb / 10P
   ECL 2-Input Differential XOR/XNOR
August, 2016 ??Rev. 7
MC10E107 ONSEMI-MC10E107_06 Datasheet
127Kb / 8P
   5V ECL Quint 2-Input XOR/XNOR Gate
November, 2006 ??Rev. 7
MC10EP08 ONSEMI-MC10EP08 Datasheet
75Kb / 8P
   Differential 2-Input XOR/XNOR
April, 2001 ??Rev. 3
logo
List of Unclassifed Man...
AZ10EL07 ETC1-AZ10EL07 Datasheet
135Kb / 6P
   ECL/PECL 2-Input XOR/XNOR
logo
Arizona Microtek, Inc
AZ10EL07 AZM-AZ10EL07 Datasheet
73Kb / 6P
   ECL/PECL 2-Input XOR/XNOR
logo
ON Semiconductor
MC10EL07 ONSEMI-MC10EL07_06 Datasheet
145Kb / 9P
   5.0 V ECL 2-Input XOR/XNOR
December, 2006 ??Rev. 6
logo
Semtech Corporation
SK10EL07U SEMTECH-SK10EL07U Datasheet
110Kb / 4P
   2-Input XOR/XNOR
logo
Micrel Semiconductor
SY10EL07 MICREL-SY10EL07 Datasheet
47Kb / 4P
   2-INPUT XOR/XNOR
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com