Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS2D Datasheet (PDF) - Fuji Electric

RS2D Datasheet PDF - Fuji Electric
Part # RS2D
Download  RS2D Download

File Size   759.06 Kbytes
Page   1 Pages
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric
Description 1.5AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER

RS2D Datasheet (PDF)

Go To PDF Page Download Datasheet
RS2D Datasheet PDF - Fuji Electric

Part # RS2D
Download  RS2D Click to download

File Size   759.06 Kbytes
Page   1 Pages
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric
Description 1.5AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER

RS2D Datasheet (HTML) - Fuji Electric

RS2D Datasheet HTML 1Page - Fuji Electric

RS2D Product details

FEATURES
• Rating to 1000V PRV
• For surface mount applications
• Reliable low cost construction utilizing molded plastic technique
• Glass passivated junction
• UL recognized 94V-O plastic material
• High temperature soldering: 250 °C/10seconds at terminals
• Fast switching for high efficiency




Similar Part No. - RS2D

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
RS2D CHONGQING-RS2D Datasheet
178Kb / 1P
   2.0AMPS. FAST RECOVERY SURFACE MOUNT RECTIFIERS
logo
Shanghai Sunrise Electr...
RS2D SSE-RS2D Datasheet
19Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Shanghai Yint Electroni...
RS2D YINT-RS2D Datasheet
488Kb / 3P
   Surface Mount Fast Recovery Rectifiers
logo
Diotech Company.
RS2D DIOTECH-RS2D Datasheet
672Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Vishay Siliconix
RS2D VISHAY-RS2D Datasheet
84Kb / 4P
   Surface Mount Fast Switching Rectifier
Revision: 21-Aug-13
More results


Similar Description - RS2D

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
F151 DYELEC-F151 Datasheet
1Mb / 2P
   SINGLE PHASE 1.5AMP SURFACE MOUNT FAST RECOVERY RECTIFIER
E15A DYELEC-E15A Datasheet
1Mb / 2P
   SINGLE PHASE 1.5AMP SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER
U15A DYELEC-U15A Datasheet
1Mb / 2P
   SINGLE PHASE 1.5AMP SURFACE MOUNT ULTRA FAST RECOVERY RECTIFIER
logo
Shenzhen Luguang Electr...
FR151G LUGUANG-FR151G Datasheet
177Kb / 2P
   1.5AMP. Glass Passivated Fast Recovery Rectifiers
logo
Fuji Electric
S2A FUJI-S2A Datasheet
709Kb / 1P
   1.5AMP SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
logo
MIC GROUP RECTIFIERS
RSM101 MIC-RSM101 Datasheet
57Kb / 2P
   SURFACE MOUNT RECTIFIER GLASS PASSIVATED FAST RECOVERY RECTIFIER
logo
GOOD-ARK Electronics
RS1510FL GOOD-ARK-RS1510FL Datasheet
378Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
logo
DIYI Electronic Technol...
RS2A DYELEC-RS2A Datasheet
1Mb / 2P
   2.0AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER
logo
GOOD-ARK Electronics
R12A GOOD-ARK-R12A Datasheet
366Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
FF1S GOOD-ARK-FF1S_15 Datasheet
228Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
More results




About Fuji Electric


Fuji Electric is a Japanese company that specializes in the manufacture of electrical and electronic equipment.
The company was founded in 1923 and is headquartered in Tokyo, Japan.
Fuji Electric offers a wide range of products including power electronics equipment, industrial automation equipment, and more.
The company is known for its expertise in power electronics and energy management, as well as its innovative technologies in the fields of electric vehicles, renewable energy, and smart grid solutions.
Fuji Electric has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its industrial and commercial products, Fuji Electric also provides a range of products and solutions for consumer and residential applications, such as air-conditioning systems, home appliances, and home security systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com