Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB15C700 Datasheet (PDF) - Fujitsu Component Limited.

MB15C700 Datasheet PDF - Fujitsu Component Limited.
Part # MB15C700
Download  MB15C700 Download

File Size   155.79 Kbytes
Page   18 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description Built-in IF Band Voltage Controlled Oscillator Mask ROM Frequency Synthesizer

MB15C700 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB15C700 Datasheet PDF - Fujitsu Component Limited.

Part # MB15C700
Download  MB15C700 Click to download

File Size   155.79 Kbytes
Page   18 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description Built-in IF Band Voltage Controlled Oscillator Mask ROM Frequency Synthesizer

MB15C700 Datasheet (HTML) - Fujitsu Component Limited.

Back Button MB15C700 Datasheet HTML 1Page - Fujitsu Component Limited. MB15C700 Datasheet HTML 2Page - Fujitsu Component Limited. MB15C700 Datasheet HTML 3Page - Fujitsu Component Limited. MB15C700 Datasheet HTML 4Page - Fujitsu Component Limited. MB15C700 Datasheet HTML 5Page - Fujitsu Component Limited. MB15C700 Datasheet HTML 6Page - Fujitsu Component Limited. MB15C700 Datasheet HTML 7Page - Fujitsu Component Limited. MB15C700 Datasheet HTML 8Page - Fujitsu Component Limited. MB15C700 Datasheet HTML 9Page - Fujitsu Component Limited. MB15C700 Datasheet HTML 10Page - Fujitsu Component Limited. Next Button 

MB15C700 Product details

DESCRIPTION
MB15C700 series is a Phase Locked Loop (PLL) frequency synthesizer of pulse swallow operation with built-in VCO suitable for Intermediate Frequency band synthesizer of mobile phones.
The VCO can operate option oscillation frequency by an external inductance and capacitor. The PLL reference divider ratio and comparison divider ratio are fixed , so that it is not required to set the divider ratios by a microcontroller externally. BCC-20 plastic package is miniaturized the device and makes it easier to design.
It operates with a supply voltage of 2.5 V typ. (PLLVDD, VCOVDD) and low power consumption current 4.5 mA typ. (PLL + VCO at 400 MHz) is realized by pure- CMOS technology.

FEATURES
<<PLL>>
• Pulse swallow function
• 400 MHz High-speed Prescaler : 8/9, 16/17, 32/33
• MASK ROM optinal the comparison and reference dividers :
    Comparison counter : Main counter : 5 to 4095, Swallow counter : 0 to 31
    Reference counter : 5 to 4095 (up to 26 MHZ)
• Lock detector circuit: Digital lock detector circuit which is “H” level when PLL is locked.
• Charge pump options :
    H type: Super charger circuit for high speed tuning. (IOH = −4.5 mA, IOL = 4.5 mA at PLLVDD = 2.5 V)
    L type : Low sensitivity charge pump for direct modulation. (IOH = −1.125 mA, IOL = 1.125 mA at PLLVDD = 2.5 V)

<<VCO>>
• Integrates vari-cap for VCO
• Operating frequency can be arranged by the number of the external inductor and capacitor connected TANK circuit

<<COMMON>>
• Low power supply voltage : 2.3 V to 2.7 V
• Low power supply current : 4.5 mA typ. (PLLVDD = VCOVDD = 2.5 V, fvco = 400 MHz)
• Operating temperature : −20 °C to +85 °C




Similar Part No. - MB15C700

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB15C703 FUJITSU-MB15C703 Datasheet
132Kb / 16P
   Built-in IF Band Voltage Controlled Oscillator Mask ROM Frequency Synthesizer
More results


Similar Description - MB15C700

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB15C703 FUJITSU-MB15C703 Datasheet
132Kb / 16P
   Built-in IF Band Voltage Controlled Oscillator Mask ROM Frequency Synthesizer
MB15C100 FUJITSU-MB15C100 Datasheet
285Kb / 28P
   IF Band PLL Frequency Synthesizer
MB15C103 FUJITSU-MB15C103 Datasheet
150Kb / 16P
   IF Band PLL Frequency Synthesizer
MB15C101 FUJITSU-MB15C101 Datasheet
151Kb / 17P
   IF Band PLL Frequency Synthesizer
logo
Toshiba Semiconductor
TA1303BFN TOSHIBA-TA1303BFN Datasheet
1Mb / 28P
   MIXER / OSCILLATOR BUILT-IN FREQUENCY SYNTHESIZER FOR VHF, CATV AND UHF BAND
logo
OKI electronic componet...
MSM9836 OKI-MSM9836 Datasheet
167Kb / 24P
   Voice Synthesis IC with Built-in Mask ROM
MSM9802 OKI-MSM9802 Datasheet
349Kb / 52P
   Voice Synthesis IC with Built-in Mask ROM
logo
EM Microelectronic - MA...
EM65XX EMMICRO-EM65XX Datasheet
274Kb / 28P
   Mask Rom
logo
RF Micro Devices
UMS-1400-A16-G RFMD-UMS-1400-A16-G Datasheet
261Kb / 3P
   OCTAVE BAND VOLTAGE CONTROLLED OSCILLATOR
UMS-1200-A16-G RFMD-UMS-1200-A16-G Datasheet
261Kb / 3P
   OCTAVE BAND VOLTAGE CONTROLLED OSCILLATOR
More results




About Fujitsu Component Limited.


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com